Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY65174-21 Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SKY65174-21
Description  2.4 to 2.5 GHz WLAN Power Amplifier Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65174-21 Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SKY65174-21 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65174-21 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65174-21 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65174-21 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65174-21 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY65174-21 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY65174-21 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY65174-21 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY65174-21 Datasheet HTML 13Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
DATA SHEET • SKY65174-21: WLAN PAM
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
10
November 19, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 201428F
4.3
4.3
4.4
8X 0.875
0.125
4X 0.875
0.5 Pitch
10X 0.3
Pin 1
Pin 1 Indicator
(0.20 x 45°)
2X 1.825
Component
Outline
Component
Outline
Component
Outline
Stencil aperture size for center
ground pad should be 80% to 100%
(by area) of solder mask opening.
Opening size of 60 to 100%
of exposed center opening shown
Pin 1
Pin 1 Indicator
(0.20 x 45°)
Stencil Aperture
Top View
Metallization
Top View
Thermal Via Array,
∅0.3 mm on 0.6 mm pitch
will improve thermal performance.
NOTE: thermal vias should
be tented and filled with solder
mask, 30-35 mm Cu plating
recommended.
Solder Mask Opening
Top View
S2038
All dimensions are in millimeters
10X 0.7
6X 0.7
0.25 Typ
Pin 10
10X 0.8
2X 0.938
Pin 10
Pin 10
0.5 Pitch
0.5 Pitch
0.125 Typ
4X 0.763
Pin 1
10X 0.4
6X 0.3
4X 0.875
Figure 16. PCB Layout Footprint for the SKY65174-21 4 x 4 mm MCM


Similar Part No. - SKY65174-21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65173-70LF SKYWORKS-SKY65173-70LF Datasheet
1,010Kb / 11P
   869 to 960 MHz Low-Noise Linear Power Amplifier Driver
More results

Similar Description - SKY65174-21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65152 SKYWORKS-SKY65152 Datasheet
1Mb / 12P
   2.4-2.5 GHz WLAN Power Amplifier
SKY65152-11 SKYWORKS-SKY65152-11 Datasheet
206Kb / 14P
   2.4-2.5 GHz WLAN Power Amplifier
SKY65006-348LF SKYWORKS-SKY65006-348LF Datasheet
2Mb / 15P
   2.4-2.5 GHz WLAN/Zigbee Power Amplifier
logo
Broadcom Corporation.
MGA-43024 BOARDCOM-MGA-43024 Datasheet
1Mb / 18P
   2.4 GHz WLAN Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43024 AVAGO-MGA-43024 Datasheet
1Mb / 18P
   2.4 GHz WLAN Power Amplifier Module
logo
Microchip Technology
SST12LN01 MICROCHIP-SST12LN01 Datasheet
227Kb / 12P
   2.4-2.5 GHz WLAN Low-Noise Amplifier
2015
SST12LP17A MICROCHIP-SST12LP17A Datasheet
850Kb / 17P
   2.4 GHz WLAN, High-Efficiency Power Amplifier Module
01/27/15
logo
List of Unclassifed Man...
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
   2.4~2.5 GHz Power Amplifier
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
   2.4~2.5 GHz Power Amplifier
logo
Silicon Storage Technol...
SST12LP00 SST-SST12LP00 Datasheet
489Kb / 14P
   2.4-2.5 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com