Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZW065V8 Datasheet(PDF) 3 Page - Diotec Semiconductor

Part No. BZW065V8
Description  Unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIOTEC [Diotec Semiconductor]
Homepage  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BZW065V8 Datasheet(HTML) 3 Page - Diotec Semiconductor

  BZW065V8 Datasheet HTML 1Page - Diotec Semiconductor BZW065V8 Datasheet HTML 2Page - Diotec Semiconductor BZW065V8 Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlußdrähte in 10 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
3
07.01.2003
BZW 06-5V8 ... BZW 06-376B
1
For bidirectional types (suffix “B”), electrical characteristics apply in both directions.
Für bidirektionale Dioden (Suffix “B”) gelten die elektrischen Werte in beiden Richtungen.
The standard tolerance of the breakdown voltage for each type is ± 5%.
Die Toleranz der Arbeitsspannung jeder Diode beträgt in der Standardausführung ± 5%.
e.g.: BZW 06-171B = bidirectional diode V
WM
$ 171 V at I
D = 5
:A, V
BR = 200 V (± 5%)
BZW 06-6.4 = unidirectional diode, V
WM
$ 6.4 V at I
D = 500
:A, V
BR = 7.5 V (± 5%)


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn