Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM231E1BRIZ-RL Datasheet(PDF) 2 Page - Analog Devices

Part # ADuM231E1BRIZ-RL
Description  5.0 kV RMS Triple Channel Digital Isolators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM231E1BRIZ-RL Datasheet(HTML) 2 Page - Analog Devices

  ADuM231E1BRIZ-RL Datasheet HTML 1Page - Analog Devices ADuM231E1BRIZ-RL Datasheet HTML 2Page - Analog Devices ADuM231E1BRIZ-RL Datasheet HTML 3Page - Analog Devices ADuM231E1BRIZ-RL Datasheet HTML 4Page - Analog Devices ADuM231E1BRIZ-RL Datasheet HTML 5Page - Analog Devices ADuM231E1BRIZ-RL Datasheet HTML 6Page - Analog Devices ADuM231E1BRIZ-RL Datasheet HTML 7Page - Analog Devices ADuM231E1BRIZ-RL Datasheet HTML 8Page - Analog Devices ADuM231E1BRIZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ADuM230D/ADuM230E/ADuM231D/ADuM231E
Data Sheet
Rev. A | Page 2 of 21
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagrams............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics—5 V Operation................................ 3
 
Electrical Characteristics—3.3 V Operation ............................ 4
 
Electrical Characteristics—2.5 V Operation ............................ 6
 
Electrical Characteristics—1.8 V Operation ............................ 7
 
Insulation and Safety Related Specifications ............................ 9
 
Package Characteristics ............................................................... 9
 
Regulatory Information............................................................. 10
 
DIN V VDE V 0884-10 (VDE V 0884-10) Insulation
Characteristics ............................................................................ 11
 
Recommended Operating Conditions .................................... 11
 
Absolute Maximum Ratings ......................................................... 12
 
ESD Caution................................................................................ 12
 
Pin Configurations and Function Descriptions ......................... 14
 
Typical Performance Characteristics ........................................... 16
 
Theory of Operation ...................................................................... 17
 
Applications Information .............................................................. 18
 
PCB Layout ................................................................................. 18
 
Propagation Delay Related Parameters ................................... 18
 
Jitter Measurement..................................................................... 18
 
Insulation Lifetime ..................................................................... 18
 
Outline Dimensions ....................................................................... 20
 
Ordering Guide .......................................................................... 21
 
REVISION HISTORY
4/16—Rev. 0 to Rev. A
Added RI-16-2 ....................................................................Universal
Added Table 10; Renumbered Sequentially .................................. 9
Added Table 13 ............................................................................... 10
Added Table 18 ............................................................................... 12
Added Figure 23.............................................................................. 20
Updated Outline Dimensions ....................................................... 20
Changes to Ordering Guide .......................................................... 21
10/15—Revision 0: Initial Version


Similar Part No. - ADuM231E1BRIZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM210N AD-ADUM210N Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N0BRIZ AD-ADUM210N0BRIZ Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N0BRIZ-RL AD-ADUM210N0BRIZ-RL Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N1BRIZ AD-ADUM210N1BRIZ Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N1BRIZ-RL AD-ADUM210N1BRIZ-RL Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
More results

Similar Description - ADuM231E1BRIZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM240D AD-ADUM240D Datasheet
496Kb / 24P
   5.0 kV rms Quad Digital Isolators
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
   10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
logo
Analog Devices
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
   5 kV RMS Quad-Channel Digital Isolators
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com