Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY500-800 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BY500-800
Description  Fast Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BY500-800 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BY500-800 Datasheet HTML 1Page - Diotec Semiconductor BY500-800 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlußdrähte in 10 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
119
01.10.2002
BY 500-50 … BY 500-1000
Characteristics
Kennwerte
Forward voltage
T
j = 25/CIF = 5 A
V
F
< 1.3 V
Durchlaßspannung
Leakage current – Sperrstrom
T
j = 25/CVR = VRRM
I
R
< 10 :A
Reverse recovery time
I
F = 0.5 A through/über
t
rr
< 200 ns
Sperrverzugszeit
I
R = 1 A to/auf IR = 0.25 A
Thermal resistance junction to ambient air
R
thA
< 25 K/W 1)
Wärmewiderstand Sperrschicht – umgebende Luft


Similar Part No. - BY500-800

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BY500-800 GE-BY500-800 Datasheet
44Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Diode Semiconductor Kor...
BY500-800 DSK-BY500-800 Datasheet
282Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
GOOD-ARK Electronics
BY500-800 GOOD-ARK-BY500-800 Datasheet
157Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Zibo Seno Electronic En...
BY500-800 ZSELEC-BY500-800 Datasheet
84Kb / 2P
   5.0A FAST RECOVERY DIODE
logo
Semikron International
BY500-800 SEMIKRON-BY500-800 Datasheet
143Kb / 2P
   Fast silicon rectifier diodes
More results

Similar Description - BY500-800

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
R30A SEMTECH-R30A Datasheet
148Kb / 3P
   FAST SILICON RECTIFIERS
logo
Shenzhen Taychipst Elec...
MR820 TAYCHIPST-MR820 Datasheet
3Mb / 2P
   Fast Silicon Rectifiers
logo
Diotec Semiconductor
MR820 DIOTEC-MR820 Datasheet
199Kb / 2P
   Fast Silicon Rectifiers
BY296 DIOTEC-BY296 Datasheet
198Kb / 2P
   Fast Silicon Rectifiers
logo
Semtech Corporation
BY296 SEMTECH-BY296 Datasheet
76Kb / 2P
   FAST SILICON RECTIFIERS?
logo
Diotec Semiconductor
BY396 DIOTEC-BY396 Datasheet
199Kb / 2P
   Fast Silicon Rectifiers
FT2000A DIOTEC-FT2000A Datasheet
64Kb / 2P
   Fast Silicon Rectifiers
F1200A DIOTEC-F1200A Datasheet
84Kb / 2P
   Fast Silicon Rectifiers
1N4933 DIOTEC-1N4933 Datasheet
160Kb / 2P
   Fast Silicon Rectifiers
logo
Semtech Corporation
BY396 SEMTECH-BY396 Datasheet
72Kb / 2P
   FAST SILICON RECTIFIERS???
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com