Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM230E0BRIZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADuM230E0BRIZ
Description  5.0 kV RMS Triple Channel Digital Isolators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM230E0BRIZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADuM230E0BRIZ Datasheet HTML 4Page - Analog Devices ADuM230E0BRIZ Datasheet HTML 5Page - Analog Devices ADuM230E0BRIZ Datasheet HTML 6Page - Analog Devices ADuM230E0BRIZ Datasheet HTML 7Page - Analog Devices ADuM230E0BRIZ Datasheet HTML 8Page - Analog Devices ADuM230E0BRIZ Datasheet HTML 9Page - Analog Devices ADuM230E0BRIZ Datasheet HTML 10Page - Analog Devices ADuM230E0BRIZ Datasheet HTML 11Page - Analog Devices ADuM230E0BRIZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ADuM230D/ADuM230E/ADuM231D/ADuM231E
Data Sheet
Rev. A | Page 8 of 21
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Output Voltage
Logic High
VOH
VDDx − 0.1
VDDx
V
IOx2 = −20 μA, VIx = VIxH3
VDDx − 0.4
VDDx − 0.2
V
IOx2 = −2 mA, VIx = VIxH3
Logic Low
VOL
0.0
0.1
V
IOx2 = 20 μA, VIx = VIxL4
0.2
0.4
V
IOx2 = 2 mA, VIx = VIxL4
Input Current per Channel
II
−10
+0.01
+10
μA
0 V ≤ VIx ≤ VDDx
VE2 Enable Input Pull-Up Current
IPU
−10
−3
μA
VE2 = 0 V
DISABLE1 Input Pull-Down Current
IPD
9
15
μA
DISABLE1 = VDDx
Tristate Output Current per Channel
IOZ
−10
+0.01
+10
μA
0 V ≤ VOx ≤ VDDx
Quiescent Supply Current
ADuM230D/ADuM230E
IDD1 (Q)
1.15
2.3
mA
VI5 = 0 (E0, D0), 1 (E1, D1)6
IDD2 (Q)
1.58
2.6
mA
VI5 = 0 (E0, D0), 1 (E1, D1)6
IDD1 (Q)
9.41
14.8
mA
VI5 = 1 (E0, D0), 0 (E1, D1)6
IDD2 (Q)
1.72
2.7
mA
VI5 = 1 (E0, D0), 0 (E1, D1)6
ADuM231D/ADuM231E
IDD1 (Q)
1.42
2.4
mA
VI5 = 0 (E0, D0), 1 (E1, D1)6
IDD2 (Q)
1.44
2.4
mA
VI5 = 0 (E0, D0), 1 (E1, D1)6
IDD1 (Q)
7.15
11.1
mA
VI5 = 1 (E0, D0), 0 (E1, D1)6
IDD2 (Q)
5.13
6.9
mA
VI5 = 1 (E0, D0), 0 (E1, D1)6
Dynamic Supply Current
Dynamic Input
IDDI (D)
0.01
mA/Mbps
Inputs switching, 50% duty cycle
Dynamic Output
IDDO (D)
0.01
mA/Mbps
Inputs switching, 50% duty cycle
Undervoltage Lockout
UVLO
Positive VDDx Threshold
VDDxUV+
1.6
V
Negative VDDx Threshold
VDDxUV−
1.5
V
VDDx Hysteresis
VDDxUVH
0.1
V
AC SPECIFICATIONS
Output Rise/Fall Time
tR/tF
2.5
ns
10% to 90%
Common-Mode Transient Immunity7
|CMH|
75
100
kV/μs
VIx = VDDx, VCM = 1000 V,
transient magnitude = 800 V
|CML|
75
100
kV/μs
VIx = 0 V, VCM = 1000 V,
transient magnitude = 800 V
1 150 Mbps is the highest data rate that can be guaranteed, although higher data rates are possible.
2 IOx is the Channel x output current, where x = A, B, or C.
3 VIxH is the input side logic high.
4 VIxL is the input side logic low.
5 VI is the voltage input.
6 E0 refers to the ADuM230E0/ADuM231E0 models, D0 refers to the ADuM230D0/ADuM231D0 models, E1 refers to the ADuM230E1/ADuM231E1 models, and D1 refers
to the ADuM230D1/ADuM231D1 models. See the Ordering Guide section.
7 |CMH| is the maximum common-mode voltage slew rate that can be sustained while maintaining the voltage output (VOx) > 0.8 VDDx. |CML| is the maximum common-
mode voltage slew rate that can be sustained while maintaining VOx > 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode
voltage edges.
Table 8. Total Supply Current vs. Data Throughput
1 Mbps
25 Mbps
100 Mbps
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SUPPLY CURRENT
ADuM230D/ADuM230E
Supply Current Side 1
IDD1
5.2
8.6
5.8
9.3
8.1
12.2
mA
Supply Current Side 2
IDD2
1.7
3.5
2.5
4.3
5.2
7.3
mA
ADuM231D/ADuM231E
Supply Current Side 1
IDD1
4.3
7.0
4.9
7.7
7.26
10.0
mA
Supply Current Side 2
IDD2
3.3
5.5
4.0
6.2
6.5
8.6
mA


Similar Part No. - ADuM230E0BRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM210N AD-ADUM210N Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N0BRIZ AD-ADUM210N0BRIZ Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N0BRIZ-RL AD-ADUM210N0BRIZ-RL Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N1BRIZ AD-ADUM210N1BRIZ Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N1BRIZ-RL AD-ADUM210N1BRIZ-RL Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
More results

Similar Description - ADuM230E0BRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM240D AD-ADUM240D Datasheet
496Kb / 24P
   5.0 kV rms Quad Digital Isolators
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
   10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
logo
Analog Devices
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
   5 kV RMS Quad-Channel Digital Isolators
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com