Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM226N1BRIZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADuM226N1BRIZ
Description  5.0 kV RMS Dual Channel Digital Isolators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM226N1BRIZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADuM226N1BRIZ Datasheet HTML 7Page - Analog Devices ADuM226N1BRIZ Datasheet HTML 8Page - Analog Devices ADuM226N1BRIZ Datasheet HTML 9Page - Analog Devices ADuM226N1BRIZ Datasheet HTML 10Page - Analog Devices ADuM226N1BRIZ Datasheet HTML 11Page - Analog Devices ADuM226N1BRIZ Datasheet HTML 12Page - Analog Devices ADuM226N1BRIZ Datasheet HTML 13Page - Analog Devices ADuM226N1BRIZ Datasheet HTML 14Page - Analog Devices ADuM226N1BRIZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Data Sheet
ADuM220N/ADuM221N/ADuM225N/ADuM226N
Rev. 0 | Page 11 of 23
DIN V VDE V 0884-10 (VDE V 0884-10) INSULATION CHARACTERISTICS
These ADuM220N/ADuM221N/ADuM225N/ADuM226N isolators are suitable for reinforced electrical isolation only within the safety
limit data. Protective circuits ensure the maintenance of the safety data. The * marking on packages denotes DIN V VDE V 0884-10
approval.
Table 15.
Description
Test Conditions/Comments
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to IV
For Rated Mains Voltage ≤ 600 V rms
I to IV
Climatic Classification
40/105/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
VIORM
849
V peak
Input to Output Test Voltage, Method B1
VIORM × 1.875 = Vpd (m), 100% production test,
tini = tm = 1 sec, partial discharge < 5 pC
Vpd (m)
1592
V peak
Input to Output Test Voltage, Method A
After Environmental Tests Subgroup 1
VIORM × 1.5 = Vpd (m), tini = 60 sec, tm = 10 sec,
partial discharge < 5 pC
Vpd (m)
1274
V peak
After Input and/or Safety Test Subgroup 2
and Subgroup 3
VIORM × 1.2 = Vpd (m), tini = 60 sec, tm = 10 sec,
partial discharge < 5 pC
1019
V peak
Highest Allowable Overvoltage
VIOTM
7000
V peak
Surge Isolation Voltage Basic
VPEAK = 16 kV, 1.2 µs rise time, 50 µs,
50% fall time
VIOSM
16,000
V peak
Surge Isolation Voltage Reinforced
VPEAK = 16 kV, 1.2 µs rise time, 50 µs,
50% fall time
VIOSM
10,000
V peak
Safety Limiting Values
Maximum value allowed in the event of a
failure (see Figure 5 or Figure 6)
Maximum Junction Temperature
TS
150
°C
Total Power Dissipation at 25°C
PS
ADuM220N/ADuM221N
2.78
W
ADuM225N/ADuM226N
1.56
W
Insulation Resistance at TS
VIO = 500 V
RS
>109
Ω
Figure 5. ADuM220N/ADuM221N Thermal Derating Curve, Dependence of
Safety Limiting Values with Ambient Temperature per DIN V VDE V 0884-10
Figure 6. ADuM225N/ADuM226N Thermal Derating Curve, Dependence of
Safety Limiting Values with Ambient Temperature per DIN V VDE V 0884-10
3.0
2.5
2.0
1.5
1.0
0.5
0
0
50
100
150
200
AMBIENT TEMPERATURE (°C)
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
50
100
150
200
AMBIENT TEMPERATURE (°C)


Similar Part No. - ADuM226N1BRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM226N1BRIZ AD-ADUM226N1BRIZ Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM226N1BRIZ-RL AD-ADUM226N1BRIZ-RL Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
More results

Similar Description - ADuM226N1BRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM230D AD-ADUM230D Datasheet
319Kb / 21P
   5.0 kV RMS Triple Channel Digital Isolators
ADUM240D AD-ADUM240D Datasheet
496Kb / 24P
   5.0 kV rms Quad Digital Isolators
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM120N AD-ADUM120N Datasheet
500Kb / 19P
   3.0 kV rms, Dual-Channel Digital Isolators
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
Rev. A
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
   10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
logo
Analog Devices
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com