Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM225N1BRIZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADuM225N1BRIZ
Description  5.0 kV RMS Dual Channel Digital Isolators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM225N1BRIZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADuM225N1BRIZ Datasheet HTML 4Page - Analog Devices ADuM225N1BRIZ Datasheet HTML 5Page - Analog Devices ADuM225N1BRIZ Datasheet HTML 6Page - Analog Devices ADuM225N1BRIZ Datasheet HTML 7Page - Analog Devices ADuM225N1BRIZ Datasheet HTML 8Page - Analog Devices ADuM225N1BRIZ Datasheet HTML 9Page - Analog Devices ADuM225N1BRIZ Datasheet HTML 10Page - Analog Devices ADuM225N1BRIZ Datasheet HTML 11Page - Analog Devices ADuM225N1BRIZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ADuM220N/ADuM221N/ADuM225N/ADuM226N
Data Sheet
Rev. 0 | Page 8 of 23
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Quiescent Supply Current
ADuM220N/ADuM225N
IDD1 (Q)
0.7
1.2
mA
VI4 = 0 (N0), 1 (N1)5
IDD2 (Q)
1.2
1.8
mA
VI4 = 0 (N0), 1 (N1)5
IDD1 (Q)
6.2
9.6
mA
VI4 = 1 (N0), 0 (N1)5
IDD2 (Q)
1.3
1.8
mA
VI4 = 1 (N0), 0 (N1)5
ADuM221N/ADuM226N
IDD1 (Q)
1.0
1.5
mA
VI4 = 0 (N0), 1 (N1)5
IDD2 (Q)
1.0
1.4
mA
VI4 = 0 (N0), 1 (N1)5
IDD1 (Q)
3.8
5.8
mA
VI4 = 1 (N0), 0 (N1)5
IDD2 (Q)
4.7
6.4
mA
VI4 = 1 (N0), 0 (N1)5
Dynamic Supply Current
Inputs switching, 50% duty cycle
Dynamic Input
IDDI (D)
0.01
mA/Mbps
Dynamic Output
IDDO (D)
0.01
mA/Mbps
Undervoltage Lockout
UVLO
Positive VDDx Threshold
VDDxUV+
1.6
V
Negative VDDx Threshold
VDDxUV−
1.5
V
VDDx Hysteresis
VDDxUVH
0.1
V
AC SPECIFICATIONS
Output Rise/Fall Time
tR/tF
2.5
ns
10% to 90%
Common-Mode Transient
Immunity6
|CMH|
75
100
kV/µs
VIx = VDDx, VCM = 1000 V,
transient magnitude = 800 V
|CML|
75
100
kV/µs
VIx = 0 V, VCM = 1000 V,
transient magnitude = 800 V
1
IOx is the Channel x output current, where x is A or B.
2
VIxH is the input side logic high.
3
VIxL is the input side logic low.
4
VI is the voltage input.
5
N0 refers to the ADuM220N0/ADuM221N0/ADuM225N0/ADuM226N0 models, and N1 refers to the ADuM220N1/ADuM221N1/ADuM225N1/ADuM226N1 models. See
the Ordering Guide section.
6
|CMH| is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDDx. |CML| is the maximum common-mode voltage slew rate
that can be sustained while maintaining VO > 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges.
Table 8. Total Supply Current vs. Data Throughput
1 Mbps
25 Mbps
100 Mbps
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SUPPLY CURRENT
ADuM220N/ADuM225N
Supply Current Side 1
IDD1
3.4
6.0
3.8
6.4
5.2
8.4
mA
Supply Current Side 2
IDD2
1.2
1.8
1.8
2.8
3.6
5.8
mA
ADuM221N/ADuM226N
Supply Current Side 1
IDD1
2.4
4.7
2.8
5.5
4.4
7.8
mA
Supply Current Side 2
IDD2
2.8
4.8
3.2
5.6
4.8
7.9
mA


Similar Part No. - ADuM225N1BRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM225N1BRIZ AD-ADUM225N1BRIZ Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM225N1BRIZ-RL AD-ADUM225N1BRIZ-RL Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
More results

Similar Description - ADuM225N1BRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM230D AD-ADUM230D Datasheet
319Kb / 21P
   5.0 kV RMS Triple Channel Digital Isolators
ADUM240D AD-ADUM240D Datasheet
496Kb / 24P
   5.0 kV rms Quad Digital Isolators
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM120N AD-ADUM120N Datasheet
500Kb / 19P
   3.0 kV rms, Dual-Channel Digital Isolators
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
Rev. A
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
   10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
logo
Analog Devices
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com