Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-ADM1278EBZ Datasheet(PDF) 43 Page - Analog Devices

Part # EVAL-ADM1278EBZ
Description  Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADM1278EBZ Datasheet(HTML) 43 Page - Analog Devices

Back Button EVAL-ADM1278EBZ Datasheet HTML 39Page - Analog Devices EVAL-ADM1278EBZ Datasheet HTML 40Page - Analog Devices EVAL-ADM1278EBZ Datasheet HTML 41Page - Analog Devices EVAL-ADM1278EBZ Datasheet HTML 42Page - Analog Devices EVAL-ADM1278EBZ Datasheet HTML 43Page - Analog Devices EVAL-ADM1278EBZ Datasheet HTML 44Page - Analog Devices EVAL-ADM1278EBZ Datasheet HTML 45Page - Analog Devices EVAL-ADM1278EBZ Datasheet HTML 46Page - Analog Devices EVAL-ADM1278EBZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 61 page
background image
Data Sheet
ADM1278
Rev. A | Page 43 of 61
Multiple Devices on Bus
When there are several devices on the bus, the processor issues an
SMBus alert response address (ARA) command to find out which
device asserted the SMBAlert line. The processor reads the status
bytes from that device and issues a CLEAR_FAULTS command.
SMBUS ALERT RESPONSE ADDRESS
The SMBus ARA is a special address that can be used by the bus
host to locate any devices that need to communicate with the
bus host. A host typically uses a hardware interrupt pin to
monitor the SMBus alert pins of multiple devices. When the
host interrupt occurs, the host issues a message on the bus using
the SMBus receive byte or receive byte with PEC protocol.
The special address used by the host is 0x0C. Any devices that
have an SMB alert signal return their own 7-bit address as the
seven MSBs of the data byte. The LSB value is not used and can
be either 1 or 0. The host reads the device address from the
received data byte and proceeds to handle the alert condition.
More than one device may have an active SMBAlert signal and
attempt to communicate with the host. In this case, the device
with the lowest address dominates the bus and succeeds in
transmitting its address to the host. The device that succeeds
disables its SMBus alert signal. If the host sees that the SMBus alert
signal is still low, it continues to read addresses until all devices that
need to communicate have successfully transmitted their addresses.
EXAMPLE USE OF SMBUS ARA
The full sequence of steps that occurs when an SMBAlert is
generated and cleared is as follows:
1.
A fault or warning is enabled using the ALERT2_CONFIG
command, and the corresponding status bit for the fault or
warning changes from 0 to 1, indicating that the fault or
warning has just become active.
2.
The GPO2/ALERT2 pin becomes active (set low) to signal
that an SMBAlert is active.
3.
The host processor issues an SMBus ARA command to
determine which device has an active alert.
4.
If there are no other active alerts from devices with lower
I2C addresses, this device makes the GPO2/ALERT2 pin
inactive (set high) during the no acknowledge bit period
after it sends its address to the host processor.
5.
If the GPO2/ALERT2 pin stays low, the host processor
must continue to issue SMBus ARA commands to devices
to determine the addresses of all devices that require a
status check.
6.
The ADM1278 continues to operate with the GPO2/ALERT2
pin inactive and the contents of the status bytes unchanged
until the host reads the status bytes and clears them, or
until a new fault occurs. That is, if a status bit for a
fault/warning that is enabled on the GPO2/ALERT2 pin and
that was not already active (equal to 1) changes from 0 to 1, a
new alert is generated, causing the GPO2/ALERT2 pin to
become active again.
DIGITAL COMPARATOR MODE
The GPO1/ALERT1/CONV and GPO2/ALERT2 pins can be
configured to indicate if a user defined threshold for voltage,
current, or power is being exceeded. In this mode, the output
pin is live and is not latched when a warning threshold is
exceeded. In effect, the pin acts as a digital comparator, where
the threshold is set using the warning limit threshold commands.
The ALERTx_CONFIG command is used, as for the SMBAlert
configuration, to select the specific warning threshold to be
monitored. The GPO1/ALERT1/CONV or GPO2/ALERT2 pin
then indicates if the measured value is above or below the
threshold.
TYPICAL APPLICATION CIRCUITS
GATE
Q1
MO+
HS+
HS–
TIMER
TIMER
ADM1278-1
MO–
RSENSE
4.5V TO 20V
VCC
VCP
VCAP
ISENSE
UV
OV
1.0V
1.0V
TEMP
VOUT
PWGIN
1.0V
VOUT
12-BIT
ADC
SCL
SDA
ADR2
ISENSE
HS+
TEMP
LDO
CHARGE
PUMP
TIMEOUT
IOUT
GPO1/ALERT2
ENABLE
GPO2/ALERT1/CONV
VCBOS
ISTART
ISET
PSET
TIMEOUT
CURRENT-
LIMIT
CONTROL
REF
SELECT
1.0V
HS–
FAULT
RETRY
PWRGD
ADR1
CSOUT
GATE
DRIVE/
LOGIC
LOGIC
AND
PMBus
ANALOG
VOUT
×50
+
+
+
+
GND
PGND
Figure 71. ADM1278-1 Typical Application Circuit


Similar Part No. - EVAL-ADM1278EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADM1272EBZ AD-EVAL-ADM1272EBZ Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
More results

Similar Description - EVAL-ADM1278EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1276 AD-ADM1276 Datasheet
628Kb / 48P
   Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
REV. 0
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
ADM1177 AD-ADM1177 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
Rev. PrD May 2006
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
ADM1177 AD-ADM1177_15 Datasheet
583Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Soft Start Pin
REV. C
LTC4286 AD-LTC4286 Datasheet
1Mb / 44P
   High Power Positive Hot-Swap Controller with Power Monitor via PMBus
Rev. 0
LTC4283 AD-LTC4283 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
LTC4284 AD-LTC4284 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com