Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM210N Datasheet(PDF) 1 Page - Analog Devices

Part # ADUM210N
Description  5.0 kV rms, Single-Channel Digital Isolator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM210N Datasheet(HTML) 1 Page - Analog Devices

  ADUM210N Datasheet HTML 1Page - Analog Devices ADUM210N Datasheet HTML 2Page - Analog Devices ADUM210N Datasheet HTML 3Page - Analog Devices ADUM210N Datasheet HTML 4Page - Analog Devices ADUM210N Datasheet HTML 5Page - Analog Devices ADUM210N Datasheet HTML 6Page - Analog Devices ADUM210N Datasheet HTML 7Page - Analog Devices ADUM210N Datasheet HTML 8Page - Analog Devices ADUM210N Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
5.0 kV rms, Single-Channel Digital Isolator
Data Sheet
ADuM210N
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High common-mode transient immunity: 100 kV/μs
High robustness to radiated and conducted noise
Low propagation delay
13 ns maximum for 5 V operation
15 ns maximum for 1.8 V operation
150 Mbps maximum data rate
Safety and regulatory approvals (pending)
UL recognition
5000 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice 5A
VDE certificate of conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 849 V peak
CQC Certification per GB4943.1-2011
Low dynamic power consumption
1.8 V to 5 V level translation
High temperature operation: 125°C maximum
Fail-safe high or low options
8-lead, RoHS-compliant, SOIC_IC package
APPLICATIONS
General-purpose single-channel isolation
Industrial field bus isolation
GENERAL DESCRIPTION
The ADuM210N1 is a single-channel digital isolator based on
Analog Devices, Inc., iCoupler® technology. Combining high
speed, complementary metal-oxide semiconductor (CMOS)
and monolithic air core transformer technology, this isolation
component provides outstanding performance characteristics,
superior to alternatives such as optocoupler devices and other
integrated couplers. The maximum propagation delay is 13 ns
with a pulse width distortion of less than 3 ns at 5 V operation.
The ADuM210N supports data rates as high as 150 Mbps with a
withstand voltage rating of 5.0 kV rms (see the Ordering Guide).
The device operates with the supply voltage on either side ranging
from 1.8 V to 5 V, providing compatibility with lower voltage
systems as well as enabling voltage translation functionality
across the isolation barrier.
Unlike other optocoupler alternatives, dc correctness is ensured
in the absence of input logic transitions. Two different fail-safe
options are available, in which the outputs transition to a pre-
determined state when the input power supply is not applied or
the inputs are disabled.
FUNCTIONAL BLOCK DIAGRAM
E
N
C
O
D
E
D
E
C
O
D
E
VDD1
VI
(DATA IN)
VDD1
GND1
VDD2
GND2
VO
(DATA OUT)
GND2
ADuM210N
8
7
6
5
1
2
3
4
Figure 1.
1 Protected by U.S. Patents 5,952,849; 6,873,065; 6,903,578; and 7,075,329. Other patents are pending.


Similar Part No. - ADUM210N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2200 AD-ADUM2200 Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
ADUM2200ARWZ AD-ADUM2200ARWZ Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
ADUM2200BRWZ AD-ADUM2200BRWZ Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
ADUM2201 AD-ADUM2201 Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
ADUM2201ARWZ AD-ADUM2201ARWZ Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
More results

Similar Description - ADUM210N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM110N AD-ADUM110N Datasheet
319Kb / 16P
   3.0 kV RMS, Single-Channel Digital Isolator
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM230D AD-ADUM230D Datasheet
319Kb / 21P
   5.0 kV RMS Triple Channel Digital Isolators
ADUM240D AD-ADUM240D Datasheet
496Kb / 24P
   5.0 kV rms Quad Digital Isolators
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
   10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
logo
Analog Devices
ADN4624 AD-ADN4624_V01 Datasheet
3Mb / 23P
   5.7 kV RMS/1.5 kV RMS, Quad-Channel LVDS 2.5 Gigabit Isolator
Rev. A
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADN4620 AD-ADN4620 Datasheet
2Mb / 24P
   3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
Rev. 0
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com