Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM210N Datasheet(PDF) 6 Page - Analog Devices

Part # ADUM210N
Description  5.0 kV rms, Single-Channel Digital Isolator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM210N Datasheet(HTML) 6 Page - Analog Devices

Back Button ADUM210N Datasheet HTML 2Page - Analog Devices ADUM210N Datasheet HTML 3Page - Analog Devices ADUM210N Datasheet HTML 4Page - Analog Devices ADUM210N Datasheet HTML 5Page - Analog Devices ADUM210N Datasheet HTML 6Page - Analog Devices ADUM210N Datasheet HTML 7Page - Analog Devices ADUM210N Datasheet HTML 8Page - Analog Devices ADUM210N Datasheet HTML 9Page - Analog Devices ADUM210N Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ADuM210N
Data Sheet
Rev. 0 | Page 6 of 15
Table 6. Total Supply Current vs. Data Throughput—2.5 V Operation
1 Mbps
25 Mbps
100 Mbps
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SUPPLY CURRENT
Supply Current Side 1
IDD1
2.2
3.4
2.4
3.6
3.2
4.3
mA
Supply Current Side 2
IDD2
0.9
1.4
1.3
1.8
2.3
3.5
mA
ELECTRICAL CHARACTERISTICS—1.8 V OPERATION
All typical specifications are at TA = 25°C, VDD1 = VDD2 = 1.8 V. Minimum/maximum specifications apply over the entire recommended
operation range: 1.7 V ≤ VDD1 ≤ 1.9 V, 1.7 V ≤ VDD2 ≤ 1.9 V, and −40°C ≤ TA ≤ +125°C, unless otherwise noted. Switching specifications
are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted. Supply currents are specified with 50% duty cycle signals.
Table 7.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SWITCHING SPECIFICATIONS
Pulse Width
PW
6.6
ns
Within PWD limit
Data Rate
150
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
5.8
8.7
15
ns
50% input to 50% output
Pulse Width Distortion
PWD
0.7
3
ns
|tPLH − tPHL|
Change vs. Temperature
1.5
ps/°C
Propagation Delay Skew
tPSK
7.0
ns
Between any two units at the same
temperature, voltage, and load
Jitter
630
ps p-p
See the Jitter Measurement section
190
ps rms
See the Jitter Measurement section
DC SPECIFICATIONS
Input Threshold
Logic High
VIH
0.7 × VDD1
V
Logic Low
VIL
0.3 × VDD1
V
Output Voltage
Logic High
VOH
VDD2 − 0.1
VDD2
V
IO = −20 µA, VI = VIH
VDD2 − 0.4
VDD2 − 0.2
V
IO = −2 mA, VI = VIH
Logic Low
VOL
0.0
0.1
V
IO = 20 µA, VI = VIL
0.2
0.4
V
IO = 2 mA, VI = VIL
Input Current per Channel
II
−10
+0.01
+10
µA
0 V ≤ VI ≤ VDD1
Quiescent Supply Current
IDD1 (Q)
0.7
1.1
mA
VI = 0 (N0), 1 (N1)1
IDD2 (Q)
0.9
1.2
mA
VI = 0 (N0), 1 (N1)1
IDD1 (Q)
3.4
5.4
mA
VI = 1 (N0), 0 (N1)1
IDD2 (Q)
0.9
1.2
mA
VI = 1 (N0), 0 (N1)1
Dynamic Supply Current
Dynamic Input
IDDI (D)
0.01
mA/Mbps
Inputs switching, 50% duty cycle
Dynamic Output
IDDO (D)
0.01
mA/Mbps
Inputs switching, 50% duty cycle
Undervoltage Lockout
UVLO
Positive VDDx Threshold
VDDxUV+
1.6
V
Negative VDDx Threshold
VDDxUV−
1.5
V
VDDx Hysteresis
VDDxUVH
0.1
V
AC SPECIFICATIONS
Output Rise/Fall Time
tR/tF
2.5
ns
10% to 90%
Common-Mode Transient Immunity2
|CMH|
75
100
kV/µs
VI = VDD1, VCM = 1000 V, transient
magnitude = 800 V
|CML|
75
100
kV/µs
V1 = 0 V, VCM = 1000 V, transient
magnitude = 800 V
1
N0 indicates the ADuM210N0 models and N1 indicates the ADuM210N1 models. See the Ordering Guide.
2
|CMH| is the maximum common-mode voltage slew rate that can be sustained while maintaining the voltage output (VO) > 0.8 × VDD2. |CML| is the maximum common-mode
voltage slew rate that can be sustained while maintaining VO > 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges.


Similar Part No. - ADUM210N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2200 AD-ADUM2200 Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
ADUM2200ARWZ AD-ADUM2200ARWZ Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
ADUM2200BRWZ AD-ADUM2200BRWZ Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
ADUM2201 AD-ADUM2201 Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
ADUM2201ARWZ AD-ADUM2201ARWZ Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
More results

Similar Description - ADUM210N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM110N AD-ADUM110N Datasheet
319Kb / 16P
   3.0 kV RMS, Single-Channel Digital Isolator
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM230D AD-ADUM230D Datasheet
319Kb / 21P
   5.0 kV RMS Triple Channel Digital Isolators
ADUM240D AD-ADUM240D Datasheet
496Kb / 24P
   5.0 kV rms Quad Digital Isolators
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
   10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
logo
Analog Devices
ADN4624 AD-ADN4624_V01 Datasheet
3Mb / 23P
   5.7 kV RMS/1.5 kV RMS, Quad-Channel LVDS 2.5 Gigabit Isolator
Rev. A
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADN4620 AD-ADN4620 Datasheet
2Mb / 24P
   3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
Rev. 0
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com