Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN4652BRWZ-RL7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADN4652BRWZ-RL7
Description  5 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4652BRWZ-RL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADN4652BRWZ-RL7 Datasheet HTML 6Page - Analog Devices ADN4652BRWZ-RL7 Datasheet HTML 7Page - Analog Devices ADN4652BRWZ-RL7 Datasheet HTML 8Page - Analog Devices ADN4652BRWZ-RL7 Datasheet HTML 9Page - Analog Devices ADN4652BRWZ-RL7 Datasheet HTML 10Page - Analog Devices ADN4652BRWZ-RL7 Datasheet HTML 11Page - Analog Devices ADN4652BRWZ-RL7 Datasheet HTML 12Page - Analog Devices ADN4652BRWZ-RL7 Datasheet HTML 13Page - Analog Devices ADN4652BRWZ-RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADN4650/ADN4651/ADN4652
Data Sheet
Rev. B | Page 10 of 24
VIN1 1
GND1 2
VDD1 3
GND1 4
20
19
18
17
DIN1+ 5
DIN1– 6
DOUT2+ 7
DOUT2– 8
VDD1 9
12
GND1
VIN2
GND2
VDD2
GND2
DOUT1+
DOUT1–
DIN2+
DIN2–
VDD2
GND2
10
11
16
15
14
13
ADN4651
TOP VIEW
(Not to Scale)
Figure 7. ADN4651 Pin Configuration
Table 13. ADN4651 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VIN1
Optional 3.3 V Power Supply/LDO Input for Side 1. Bypass VIN1 to GND1 using a 1 μF capacitor. Alternatively, if
using a 2.5 V supply, connect VIN1 directly to VDD1.
2, 4, 10
GND1
Ground, Side 1.
3, 9
VDD1
2.5 V Power Supply for Side 1. Connect both pins externally and bypass to GND1 with 0.1 μF capacitors. If
supplying 3.3 V to VIN1, connect a 1 μF capacitor between Pin 3 and GND1 for proper regulation of the 2.5 V
output of the internal LDO.
5
DIN1+
Noninverted Differential Input 1.
6
DIN1−
Inverted Differential Input 1.
7
DOUT2+
Noninverted Differential Output 2.
8
DOUT2−
Inverted Differential Output 2.
11, 17, 19
GND2
Ground, Side 2.
12, 18
VDD2
2.5 V Power Supply for Side 2. Connect both pins externally and bypass to GND2 with 0.1 μF capacitors. If
supplying 3.3 V to VIN2, connect a 1 μF capacitor between Pin 18 and GND2 for proper regulation of the 2.5 V
output of the internal LDO.
13
DIN2−
Inverted Differential Input 2.
14
DIN2+
Noninverted Differential Input 2.
15
DOUT1−
Inverted Differential Output 1.
16
DOUT1+
Noninverted Differential Output 1.
20
VIN2
Optional 3.3 V Power Supply/LDO Input for Side 2. Bypass VIN2 to GND2 using a 1 μF capacitor. Alternatively, if
using a 2.5 V supply, connect VIN2 directly to VDD2.


Similar Part No. - ADN4652BRWZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4652BRWZ-RL7 AD-ADN4652BRWZ-RL7 Datasheet
853Kb / 25P
   5 kV RMS/3.75 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
Rev. E
More results

Similar Description - ADN4652BRWZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4650 AD-ADN4650_V01 Datasheet
853Kb / 25P
   5 kV RMS/3.75 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
Rev. E
ADN4654 AD-ADN4654_V01 Datasheet
1Mb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
Rev. D
ADN4654 AD-ADN4654 Datasheet
732Kb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
Rev. A
ADN4622 AD-ADN4622 Datasheet
3Mb / 27P
   5.7 kV rms/1.5 kV rms, Quad-Channel LVDS 2.5 Gigabit Isolators
Rev. B
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
   5 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com