Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN4651BRWZ-RL7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADN4651BRWZ-RL7
Description  5 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4651BRWZ-RL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADN4651BRWZ-RL7 Datasheet HTML 2Page - Analog Devices ADN4651BRWZ-RL7 Datasheet HTML 3Page - Analog Devices ADN4651BRWZ-RL7 Datasheet HTML 4Page - Analog Devices ADN4651BRWZ-RL7 Datasheet HTML 5Page - Analog Devices ADN4651BRWZ-RL7 Datasheet HTML 6Page - Analog Devices ADN4651BRWZ-RL7 Datasheet HTML 7Page - Analog Devices ADN4651BRWZ-RL7 Datasheet HTML 8Page - Analog Devices ADN4651BRWZ-RL7 Datasheet HTML 9Page - Analog Devices ADN4651BRWZ-RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADN4650/ADN4651/ADN4652
Data Sheet
Rev. B | Page 6 of 24
REGULATORY INFORMATION
See Table 11 and the Insulation Lifetime section for details regarding recommended maximum working voltages for specific cross-
isolation waveforms and insulation levels.
Table 6.
UL (Pending)
CSA (Pending)
VDE (Pending)
To Be Recognized Under UL 1577
Component Recognition Program1
To be approved under CSA
Component Acceptance Notice 5A
To be certified according to DIN V VDE V 0884-10
(VDE V 0884-10):2006-122
Single Protection, 5000 V rms Isolation
Voltage
Reinforced insulation, VIORM = 424 V peak, VIOSM =
6000 V peak
Basic insulation, VIORM = 424 V peak, VIOSM = 10,000 V peak
File E214100
File 205078
File 2471900-4880-0001
1
In accordance with UL 1577, each ADN4650/ADN4651/ADN4652 is proof tested by applying an insulation test voltage ≥ 6000 V rms for 1 sec.
2
In accordance with DIN V VDE V 0884-10, each ADN4650/ADN4651/ADN4652 is proof tested by applying an insulation test voltage ≥ 795 V peak for 1 sec (partial discharge
detection limit = 5 pC).
DIN V VDE V 0884-10 (VDE V 0884-10) INSULATION CHARACTERISTICS (PENDING)
This isolator is suitable for reinforced electrical isolation only within the safety limit data. Protective circuits ensure the maintenance of
the safety data.
Table 7.
Description
Test Conditions/Comments
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to IV
For Rated Mains Voltage ≤ 600 V rms
I to III
Climatic Classification
40/125/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
VIORM
424
V peak
Input to Output Test Voltage, Method B1
VIORM × 1.875 = Vpd (m), 100% production test,
tini = tm = 1 sec, partial discharge < 5 pC
Vpd (m)
795
V peak
Input to Output Test Voltage, Method A
Vpd (m)
After Environmental Tests Subgroup 1
VIORM × 1.5 = Vpd (m), tini = 60 sec, tm = 10 sec,
partial discharge < 5 pC
636
V peak
After Input and/or Safety Test Subgroup 2
and Subgroup 3
VIORM × 1.2 = Vpd (m), tini = 60 sec, tm = 10 sec,
partial discharge < 5 pC
509
V peak
Highest Allowable Overvoltage
VIOTM
5000
V peak
Surge Isolation Voltage
Basic
VPEAK = 12.8 kV, 1.2 µs rise time, 50 µs, 50% fall time
VIOSM
10,000
V peak
Reinforced
VPEAK = 10 kV, 1.2 µs rise time, 50 µs, 50% fall time
VIOSM
6000
V peak
Safety Limiting Values
Maximum value allowed in the event of a failure
(see Figure 5)
Maximum Junction Temperature
TS
150
°C
Total Power Dissipation at 25°C
PS
2.78
W
Insulation Resistance at TS
VIO = 500 V
RS
>109
Ω


Similar Part No. - ADN4651BRWZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4651BRWZ-RL7 AD-ADN4651BRWZ-RL7 Datasheet
853Kb / 25P
   5 kV RMS/3.75 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
Rev. E
More results

Similar Description - ADN4651BRWZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4650 AD-ADN4650_V01 Datasheet
853Kb / 25P
   5 kV RMS/3.75 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
Rev. E
ADN4654 AD-ADN4654_V01 Datasheet
1Mb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
Rev. D
ADN4654 AD-ADN4654 Datasheet
732Kb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
Rev. A
ADN4622 AD-ADN4622 Datasheet
3Mb / 27P
   5.7 kV rms/1.5 kV rms, Quad-Channel LVDS 2.5 Gigabit Isolators
Rev. B
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
   5 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com