Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1270ARQZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADM1270ARQZ
Description  High Voltage Input Protection Device
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1270ARQZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM1270ARQZ Datasheet HTML 5Page - Analog Devices ADM1270ARQZ Datasheet HTML 6Page - Analog Devices ADM1270ARQZ Datasheet HTML 7Page - Analog Devices ADM1270ARQZ Datasheet HTML 8Page - Analog Devices ADM1270ARQZ Datasheet HTML 9Page - Analog Devices ADM1270ARQZ Datasheet HTML 10Page - Analog Devices ADM1270ARQZ Datasheet HTML 11Page - Analog Devices ADM1270ARQZ Datasheet HTML 12Page - Analog Devices ADM1270ARQZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Data Sheet
ADM1270
Rev. A | Page 9 of 21
TYPICAL PERFORMANCE CHARACTERISTICS
3.55
3.57
3.59
3.61
3.63
3.65
–40°C
–5°C
25°C
85°C
125°C
TJ (°C)
LOAD = 100µA
LOAD = 500µA
LOAD = 1mA
Figure 4. VVCAP vs. Junction Temperature (TJ), Different Loads
3.590
3.595
3.600
3.605
3.610
0
0.2
0.4
0.6
0.8
1.0
ILOAD (mA)
Figure 5. VVCAP vs. Load Current (ILOAD)
3.590
3.595
3.600
3.605
3.610
VIN (V)
LOAD = 100µA
LOAD = 500µA
LOAD = 1mA
50
0
10
20
30
40
Figure 6. VVCAP vs. Input Voltage (VIN), Different Loads
–40°C
–5°C
25°C
85°C
125°C
TJ (°C)
LOAD = 100µA
LOAD = 500µA
LOAD = 1mA
0
50
100
150
200
250
300
350
400
450
500
Figure 7. Supply Current (ICC) vs. Junction Temperature (TJ), Different Loads
380
382
384
386
388
390
392
394
396
398
400
0
0.2
0.4
0.6
0.8
1.0
ILOAD (mA)
Figure 8. Supply Current (ICC) vs. Load Current (ILOAD)
300
320
340
360
380
400
420
0
10
20
30
40
50
VCC (V)
LOAD = 100µA
LOAD = 500µA
LOAD = 1mA
Figure 9. Supply Current (ICC) vs. Supply Voltage (VCC), Different Loads


Similar Part No. - ADM1270ARQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
ADM1272-1ACPZ AD-ADM1272-1ACPZ Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
ADM1272-1ACPZ-RL AD-ADM1272-1ACPZ-RL Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
ADM1275 AD-ADM1275 Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
ADM1275-1ACPZ AD-ADM1275-1ACPZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
More results

Similar Description - ADM1270ARQZ

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-S0M12X BEL-0RQB-S0M12X Datasheet
829Kb / 12P
   Input Under-voltage Protection High Efficiency
logo
Arch Electronics Corp.
BR300 ARCH-BR300 Datasheet
190Kb / 2P
   Input under Voltage Protection
POL10 ARCH-POL10 Datasheet
365Kb / 3P
   Input under Voltage Protection
BR130 ARCH-BR130 Datasheet
475Kb / 5P
   Input under Voltage Protection
POL10.16 ARCH-POL10.16 Datasheet
365Kb / 3P
   Input under Voltage Protection
BR130 ARCH-BR130_16 Datasheet
475Kb / 5P
   Input under Voltage Protection
BRH100 ARCH-BRH100_16 Datasheet
384Kb / 4P
   Input under Voltage Protection
BR45D ARCH-BR45D Datasheet
420Kb / 4P
   Input under Voltage Protection
BR360 ARCH-BR360_16 Datasheet
339Kb / 3P
   Input under Voltage Protection
BR100 ARCH-BR100 Datasheet
269Kb / 3P
   Input under Voltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com