Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1278 Datasheet(PDF) 49 Page - Analog Devices

Part # ADM1278
Description  Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1278 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADM1278 Datasheet HTML 45Page - Analog Devices ADM1278 Datasheet HTML 46Page - Analog Devices ADM1278 Datasheet HTML 47Page - Analog Devices ADM1278 Datasheet HTML 48Page - Analog Devices ADM1278 Datasheet HTML 49Page - Analog Devices ADM1278 Datasheet HTML 50Page - Analog Devices ADM1278 Datasheet HTML 51Page - Analog Devices ADM1278 Datasheet HTML 52Page - Analog Devices ADM1278 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
Data Sheet
ADM1278
Rev. A | Page 49 of 61
Bits
Bit Name
Settings
Description
Reset
Access
0
NONEABOVE_STATUS
None of the above. This bit is live.
0x0
R
0
No other active status bit reported by any other status command.
1
Active status bits are waiting to be read by one or more status
commands.
STATUS WORD REGISTER
Address: 0x79, Reset: 0x0000, Name: STATUS_WORD
Provides status information for critical faults and all top-level status commands in the device. The lower byte is also returned by
STATUS_BYTE.
Table 25. Bit Descriptions for STATUS_WORD
Bits
Bit Name
Settings
Description
Reset
Access
15
VOUT_STATUS
VOUT warning. This bit is live.
0x0
R
0
There are no active status bits to be read by the STATUS_VOUT
register.
1
There are one or more active status bits to be read by
STATUS_VOUT.
14
IOUT_STATUS
IOUT fault or warning. This bit is live.
0x0
R
0
There are no active status bits to be read by the STATUS_IOUT
register.
1
There are one or more active status bits to be read by the
STATUS_IOUT register.
13
INPUT_STATUS
Input warning. This bit is live.
0x0
R
0
There are no active status bits to be read by the STATUS_INPUT
register.
1
There are one or more active status bits to be read by
STATUS_INPUT.
12
MFR_STATUS
Manufacture specific fault or warning. This bit is live.
0x0
R
0
There are no active status bits to be read by the
STATUS_MFR_SPECIFIC register.
1
There are one or more active status bits to be read by
STATUS_MFR_SPECIFIC register.
11
PGB_STATUS
Power is not good. This bit is live.
0x0
R
0
Output power is good. The voltage on the PWGIN pin is above the
threshold.
1
Output power is bad. The voltage on the PWGIN pin is below the
threshold.
[10:9]
RESERVED
0x0
RESERVED
8
FET_HEALTH_FAULT
FET health fault. This bit is latched.
0x0
R
0
No FET faults have been detected.
1
A fault condition has been detected on the FET.
7
RESERVED
Always set to 0.
0x0
RESERVED
6
HOTSWAP_OFF
Duplicate of corresponding bit in the STATUS_BYTE register.
0x0
R
5
RESERVED
Always set to 0.
0x0
RESERVED
4
IOUT_OC_FAULT
Duplicate of corresponding bit in the STATUS_BYTE register.
0x0
R
3
VIN_UV_FAULT
Duplicate of corresponding bit in the STATUS_BYTE register.
0x0
R
2
TEMP_FAULT
Duplicate of corresponding bit in the STATUS_BYTE register.
0x0
R
1
CML_FAULT
Duplicate of corresponding bit in the STATUS_BYTE register.
0x0
R
0
NONEABOVE_STATUS
Duplicate of corresponding bit in the STATUS_BYTE register.
0x0
R


Similar Part No. - ADM1278

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1270 AD-ADM1270 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R2 AD-ADM1270ACPZ-R2 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R7 AD-ADM1270ACPZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ AD-ADM1270ARQZ Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ-R7 AD-ADM1270ARQZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
More results

Similar Description - ADM1278

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1276 AD-ADM1276 Datasheet
628Kb / 48P
   Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
REV. 0
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
ADM1177 AD-ADM1177 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
Rev. PrD May 2006
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
ADM1177 AD-ADM1177_15 Datasheet
583Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Soft Start Pin
REV. C
LTC4286 AD-LTC4286 Datasheet
1Mb / 44P
   High Power Positive Hot-Swap Controller with Power Monitor via PMBus
Rev. 0
LTC4283 AD-LTC4283 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
LTC4284 AD-LTC4284 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com