Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM1270 Datasheet(PDF) 13 Page - Analog Devices

Part No. ADM1270
Description  High Voltage Input Protection Device
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADM1270 Datasheet(HTML) 13 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Data Sheet
ADM1270
Rev. A | Page 13 of 21
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VISET (V)
–40°C
–5°C
+25°C
+85°C
+125°C
Figure 28. Sense Voltage (VSENSE) vs. ISET Voltage (VISET),
Different Temperatures
0
5
10
15
20
25
30
35
40
45
50
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
10mV
20mV
30mV
40mV
50mV
60mV
Figure 29. OC Input Current vs. Temperature, Different Sense Voltages (VSENSE)
0
5
10
15
20
25
30
35
40
45
50
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–40°C
–5°C
+25°C
+85°C
+125°C
VSENSE (V)
Figure 30. OC Input Current vs. Sense Voltage (VSENSE), Different Temperatures
1.98
2.00
1.99
2.01
2.02
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
4V
50V
Figure 31. OC TIMER Threshold vs. Temperature, Different Input Voltages
1.97
1.99
2.01
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
4V
50V
1.98
2.00
Figure 32. OC TIMER_OFF Threshold vs. Temperature,
Different Input Voltages


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn