Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM1270 Datasheet(PDF) 11 Page - Analog Devices

Part No. ADM1270
Description  High Voltage Input Protection Device
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADM1270 Datasheet(HTML) 11 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Data Sheet
ADM1270
Rev. A | Page 11 of 21
0.045
0.050
0.055
0.060
0.065
0.070
2.50
2.52
2.54
2.56
2.58
2.60
2.62
2.64
2.66
2.68
2.70
VISET (V)
–40°C
–5°C
+25°C
+85°C
+125°C
Figure 16. Reference Select Threshold Voltage (VISETRSTH) vs. ISET Voltage (VISET),
Different Temperatures
–22.0
–21.5
–21.0
–20.5
–20.0
–19.5
–19.0
–18.5
–18.0
–45
–25
–5
15
35
55
75
95
115
135
TEMPERATURE (°C)
4V
6V
10V
20V
50V
Figure 17. Timer Current vs. Temperature, Different Input Voltages
–1.5
–1.4
–1.3
–1.2
–1.1
–1.0
–0.9
–0.8
–0.7
–0.6
–0.5
–45
–25
–5
15
35
55
75
95
115
135
TEMPERATURE (°C)
4V
6V
10V
20V
50V
Figure 18. Timer Off Current (ITMROFF) vs. Temperature,
Different Input Voltages
–22.0
–21.5
–21.0
–20.5
–20.0
–19.5
–19.0
–18.5
–18.0
0
5
10
15
20
25
30
35
40
45
50
55
INPUT VOLTAGE (V)
–40°C
–5°C
+25°C
+85°C
+125°C
Figure 19. POR Timer Off Current (IPOR) vs. Input Voltage (VIN),
Different Temperatures
–22.0
–21.5
–21.0
–20.5
–20.0
–19.5
–19.0
–18.5
–18.0
–45
–25
–5
15
35
55
75
95
115
135
TEMPERATURE (°C)
4V
6V
10V
20V
50V
Figure 20. POR Timer Off Current (IPOR) vs. Temperature,
Different Input Voltages
0
1
2
3
4
5
6
7
0.90
0.95
1.00
1.05
1.10
OV INPUT VOLTAGE (V)
OV INPUT RISE
OV INPUT FALL
Figure 21. VGATE vs. OV Input Voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn