Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM1270 Datasheet(PDF) 10 Page - Analog Devices

Part No. ADM1270
Description  High Voltage Input Protection Device
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADM1270 Datasheet(HTML) 10 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
ADM1270
Data Sheet
Rev. A | Page 10 of 21
0
2
4
6
8
10
12
14
16
18
20
–50
–30
–10
10
30
50
70
90
110
130
TEMPERATURE (°C)
VIN = 4.5V
VIN = 6V
VIN = 10V
Figure 10. VVCAP Overcurrent (OC) Threshold vs. Temperature,
Different Input Voltages
11.0
11.2
11.4
11.6
11.8
12.0
12.2
12.4
12.6
12.8
13.0
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VIN = 14V
VIN = 25V
VIN = 50V
Figure 11. GATE Voltage (VGATE) vs. Temperature, Different Input Voltages
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
11.0
11.2
11.4
11.6
11.8
12.0
12.2
12.4
12.6
12.8
13.0
VIN = 14V
VIN = 25V
VIN = 50V
Figure 12. RPFG Voltage (VRPFG) vs. Temperature, Different Input Voltages
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
8.0
8.2
8.4
8.6
8.8
9.0
9.2
9.4
9.6
9.8
10.0
VIN = 14V
VIN = 25V
VIN = 50V
Figure 13. RPFG Pull-Down Current (IRPFGND) vs. Temperature,
Different Input Voltages
0.045
0.050
0.055
0.060
0.065
0.070
2.50
2.52
2.54
2.56
2.58
2.60
2.62
2.64
2.66
2.68
2.70
VISET (V)
4V
25V
50V
Figure 14. Current Sense Voltage vs. ISET Voltage (VISET),
Different Input Voltages
2.50
2.55
2.60
2.65
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
Figure 15. Reference Select Threshold Voltage (VISETRSTH) vs. Temperature,
VIN = 4 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn