Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM1270 Datasheet(PDF) 1 Page - Analog Devices

Part No. ADM1270
Description  High Voltage Input Protection Device
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADM1270 Datasheet(HTML) 1 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
High Voltage Input Protection Device
Data Sheet
ADM1270
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Controls supply voltages from 4 V to 60 V
Gate drive for low voltage drop reverse supply protection
Gate drive for P-channel FETs
Inrush current limiting control
Adjustable current limit
Foldback current limiting
Automatic retry or latch-off on current fault
Programmable current-limit timer for safe operating area (SOA)
Power-good and fault outputs
Analog undervoltage (UV) and overvoltage (OV) protection
16-lead, 3 mm × 3 mm LFCSP
16-lead QSOP
APPLICATIONS
Industrial modules
Battery-powered/portable instrumentation
GENERAL DESCRIPTION
The ADM1270 is a current-limiting controller that provides
inrush current limiting and overcurrent protection for modular
or battery-powered systems. When circuit boards are inserted
into a live backplane, discharged supply bypass capacitors draw
large transient currents from the backplane power bus as they
charge. These transient currents can cause permanent damage
to connector pins, as well as dips on the backplane supply that
can reset other boards in the system.
The ADM1270 is designed to control the inrush current, when
powering on the system, via an external P-channel field effect
transistor (FET).
To protect the system from a reverse polarity input supply, there
is a provision made to control an additional external P-channel
FET. This feature prevents reverse current flow in case of a reverse
polarity connection, which can damage the load or the ADM1270.
The ADM1270 is available in a 3 mm × 3 mm, 16-lead LFCSP and
a 16-lead QSOP.
SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM
1V
1V
GATE DRIVE/
LOGIC
VCB
TIMER
ON
TIMEOUT
IOUT
CURRENT
LIMIT
TIMER
VCC/SENSE+ SENSE–
GATE
TIMER
GND
UV
OV
RPFG
FLB
LDO
VCAP
REF
SELECT
ISET
FAULT
FB_PG
ENABLE
TIMER_OFF
PWRGD
+
+
+
+
CURRENT-
LIMIT
CONTROL
ADM1270
Figure 1.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn