Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PI7VD9004ABH Datasheet(PDF) 32 Page - Pericom Semiconductor Corporation

Part No. PI7VD9004ABH
Description  Adaptive EQ 4-channel 960H Video Decoder
Download  53 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERICOM [Pericom Semiconductor Corporation]
Homepage  http://www.pericom.com
Logo 

PI7VD9004ABH Datasheet(HTML) 32 Page - Pericom Semiconductor Corporation

Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
PI7VD9004ABH
Adaptive EQ 4-channel 960H Video Decoder
Pericom Semiconductor Corporation  
32 
www.pericom.com     
 
BIT
FUNCTION
TYPE
DESCRIPTION
[5:4]
PIXOUT_2 Pin Output
Mode
RW0: Single output
1: dual channel video output
2:quad channel video output
3: Reserved
[7:6]
PIXOUT_3 Pin Output
Mode
RW
0: Single output
1: dual channel video output
2:quad channel video output
3: Reserved
6.1.52 GPIO POLARITY REGISTER – OFFSET CBH (Default=00H)
BIT
FUNCTION
TYPE
DESCRIPTION
[3:0]
Reserved
R
Reset to 0h
[4]
Select
GPIO_0
Pin
Output Polarity.
RW
0: Normal
1: Inverse polarity
[5]
Select
GPIO_1
Pin
Output Polarity.
RW
0: Normal
1: Inverse polarity
[6]
Select
GPIO_2
Pin
Output Polarity.
RW
0: Normal
1: Inverse polarity
[7]
Select
GPIO_3
Pin
Output Polarity.
RW
0: Normal
1: Inverse polarity
6.1.53 PIXOUT OUTPUT CH2 SELECT REGISTER – OFFSET CCH (Default=39H)
BIT
FUNCTION
TYPE
DESCRIPTION
[1:0]
CH2 Data Selection In
PIXOUT_0
RW
0: CV_IN0 Video Decoder data
1: CV_IN1 Video Decoder data
2: CV_IN2 Video Decoder data
3: CV_IN3 Video Decoder data
Reset to 00b
[3:2]
CH2 Data Selection In
PIXOUT_1
RW
0: CV_IN0 Video Decoder data
1: CV_IN1 Video Decoder data
2: CV_IN2 Video Decoder data
3: CV_IN3 Video Decoder data
Reset to 01b
[5:4]
CH2 Data Selection In
PIXOUT_2
RW
0: CV_IN0 Video Decoder data
1: CV_IN1 Video Decoder data
2: CV_IN2 Video Decoder data
3: CV_IN3 Video Decoder data
Reset to 10b
[7:6]
CH2 Data Selection In
PIXOUT_3
RW
0: CV_IN0 Video Decoder data
1: CV_IN1 Video Decoder data
2: CV_IN2 Video Decoder data
3: CV_IN3 Video Decoder data
Reset to 11b
6.1.54 PIXOUT OUTPUT CH1 SELECT REGISTER – OFFSET CDH (Default=E4H)
BIT
FUNCTION
TYPE
DESCRIPTION
13-0174


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn