Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI7VD9004ABH Datasheet(PDF) 31 Page - Pericom Semiconductor Corporation

Part No. PI7VD9004ABH
Description  Adaptive EQ 4-channel 960H Video Decoder
Download  53 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERICOM [Pericom Semiconductor Corporation]
Homepage  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7VD9004ABH Datasheet(HTML) 31 Page - Pericom Semiconductor Corporation

Back Button PI7VD9004ABH Datasheet HTML 27Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 28Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 29Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 30Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 31Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 32Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 33Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 34Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 35Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
PI7VD9004ABH
Adaptive EQ 4-channel 960H Video Decoder
Pericom Semiconductor Corporation  
31 
www.pericom.com     
 
BIT
FUNCTION
TYPE
DESCRIPTION
In GPIO_0 Pin
[6:4]
Output
Mode
For
GPIO_1 Pin
RW
Select output mode for GPIO_1 pin
0: Output HSYNC
1: Output VSYNC
2: Field
3: H-active
4: VH-active
5: 27MHz clock output
6: VH-sync
7: GPP_VA2
[7]
General Purpose Value
In GPIO_1 Pin
RW
Set general purpose value in GPIO_1 pin
6.1.50 GPIO_2_3 MODE REGISTER– OFFSET C9H(Default=00H)
BIT
FUNCTION
TYPE
DESCRIPTION
[2:0]
Output
Mode
For
GPIO_2 Pin
RW
Select output mode for GPIO_2 pin
0: Output HSYNC
1: Output VSYNC
2: Field
3: H-active
4: VH-active
5: 27MHz clock output
6: VH-sync
7: GPP_VA1
[3]
General Purpose Value
In GPIO_2 Pin
RW
Set general purpose value in GPIO_2 pin
[6:4]
Output
Mode
For
GPIO_3 Pin
RW
Select output mode for GPIO_3 pin
0: Output HSYNC
1: Output VSYNC
2: Field
3: H-active
4: VH-active
5: 27MHz clock output
6: VH-sync
7: GPP_VA2
[7]
General Purpose Value
In GPIO_3 Pin
RW
Set general purpose value in GPIO_3 pin
6.1.51 VIDEO OUTPUT MODE REGISTER – OFFSET CAH(Default=00H)
BIT
FUNCTION
TYPE
DESCRIPTION
[1:0]
PIXOUT_0 Pin Output
Mode
RW0: Single output
1: dual channel video output
2:quad channel video output
3: Reserved
[3:2]
PIXOUT_1 Pin Output
Mode
RW
0: Single output
1: dual channel video output
2:quad channel video output
3: Reserved
13-0174


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn