Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PI7VD9004ABH Datasheet(PDF) 29 Page - Pericom Semiconductor Corporation

Part No. PI7VD9004ABH
Description  Adaptive EQ 4-channel 960H Video Decoder
Download  53 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERICOM [Pericom Semiconductor Corporation]
Homepage  http://www.pericom.com
Logo 

PI7VD9004ABH Datasheet(HTML) 29 Page - Pericom Semiconductor Corporation

Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
PI7VD9004ABH
Adaptive EQ 4-channel 960H Video Decoder
Pericom Semiconductor Corporation  
29 
www.pericom.com     
 
5 : 12.5%
6 : 25%
7 : 50%
other : 100%
[7:4]
Reserved
R
Reset to 00b
6.1.39 SOFTWARE RESET REGISTER– OFFSET 80H(Default=00H)
BIT
FUNCTION
TYPE
DESCRIPTION
[0]
ADEC0RST
W
Writing one reset the video decoder 0 to its default state but
all registercontent remain unchanged. This bit is self-resetting
[1]
ADEC1RST
W
Writing one reset the video decoder 1 to its default state but
all register content remain unchanged. This bit is self-
resetting
[2]
ADEC2RST
W
Writing one reset the video decoder 2 to its default state but
all register content remain unchanged. This bit is self-
resetting
[3]
ADEC3RST
W
Writing one reset the video decoder 3 to its default state but
all register content remain unchanged. This bit is self-
resetting
[4]
Reserved
R
Reset to 00b
[5]
AUDIORST
W
Writing one reset the audio portion to its default state but all
register content remain unchanged. This bit is self-resetting
[7:6]
Reserved
R
Reset to 00b
6.1.40 RESERVED REGISTER – OFFSET 81H-84H
6.1.41 VIDEO SOURCE SELECTION REGISTER – OFFSET 85H (Default=00H)
BIT
FUNCTION
TYPE
DESCRIPTION
[0]
CV_INA0/CV_INB0
Selection
RW
0: CV_INA0
1: CV_INB0
[1]
CV_INA1/CV_INB1
Selection
RW
0: CV_INA1
1: CV_INB1
[2]
CV_INA2/CV_IN_B2
Selection
RW
0: CV_INA2
1: CV_INB2
[3]
CV_INA3/CV_INB3
Selection
RW
0: CV_INA3
1: CV_INB3
[7:4]
Reserved
R
Reset to 0h
6.1.42 RESERVED REGISTER – OFFSET 86H-88H
6.1.43 AUDIO FS MODE REGISTER– OFFSET 89H(Default=00H)
BIT
FUNCTION
TYPE
DESCRIPTION
[1:0]
Reserved
R
Reset to 00b
[2]
Audio FS Mode Select
RW
0: 256fs
1: 320fs
[7:3]
Reserved
R
Reset to 00h
13-0174


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn