Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI7VD9004ABH Datasheet(PDF) 28 Page - Pericom Semiconductor Corporation

Part No. PI7VD9004ABH
Description  Adaptive EQ 4-channel 960H Video Decoder
Download  53 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERICOM [Pericom Semiconductor Corporation]
Homepage  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7VD9004ABH Datasheet(HTML) 28 Page - Pericom Semiconductor Corporation

Back Button PI7VD9004ABH Datasheet HTML 24Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 25Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 26Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 27Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 28Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 29Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 30Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 31Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 32Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
PI7VD9004ABH
Adaptive EQ 4-channel 960H Video Decoder
Pericom Semiconductor Corporation  
28 
www.pericom.com     
 
BIT
FUNCTION
TYPE
DESCRIPTION
[1:0]
Select Output Data In
Data51 Position
RW
0: LINE_IN4_1
1: LINE_IN4_2
2: LINE_IN4_3
3: LINE_IN4_4
[3:2]
Select Output Data In
Data52 Position
RW
0: LINE_IN4_1
1: LINE_IN4_2
2: LINE_IN4_3
3: LINE_IN4_4
[5:4]
Select Output Data In
Data53 Position
RW
0: LINE_IN4_1
1: LINE_IN4_2
2: LINE_IN4_3
3: LINE_IN4_4
[7:6]
Select Output Data In
Data54 Position
RW
0: LINE_IN4_1
1: LINE_IN4_2
2: LINE_IN4_3
3: LINE_IN4_4
Note:
If I2S mode is set:
L data: dat0-dat1-dat2-dat3-dat4-dat5-dat6-dat7-dat51-dat52
Rdata:
dat8-dat9-datA-datB-datC-datD-datE-datF-dat53-
dat54
If DSP mode is set:
dat0-dat1-dat2-dat3-dat4-dat5-dat6-dat7-dat8-dat9-datA-
datB-datC-datD-datE-datF- dat51-dat52-dat53-dat54
6.1.37 SDOUT_M REGISTER– OFFSET 7EH(Default=00H)
BIT
FUNCTION
TYPE
DESCRIPTION
[5:0]
Reserved
R
Reset to 00b
[6]
SDOUT_M
I2S OEN
R/W
Define SDOUT_M pin output 2 word data
to make standard I2S output
0: Mixing Data or Playback input data are only output on
SDOUT_M
1:L/R data on SDOUT_M pin is selected by 0x7B and 0x7C
[7]
A5OUTOFF
R/W
0:LINE_IN4_1/LINE_IN4_2/LINE_IN4_3
/LINE_IN4_4 output on SDOUT_R
1:LINE_IN4_1/LINE_IN4_2/LINE_IN4_3
/LINE_IN4_4 not output on SDOUT_R
6.1.38 MIX RATIO VALUE FOR LINE_IN4 REGISTER – OFFSET 7FH(Default=08H)
BIT
FUNCTION
TYPE
DESCRIPTION
[3:0]
Mix_Ratio4
RW
LINE_IN4 ratio value for audio mixing function
0 : 0.39%
1 : 0.78%
2 : 1.56%
3 : 3.12%
4 : 6.25%
13-0174


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn