Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI7VD9004ABH Datasheet(PDF) 27 Page - Pericom Semiconductor Corporation

Part No. PI7VD9004ABH
Description  Adaptive EQ 4-channel 960H Video Decoder
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7VD9004ABH Datasheet(HTML) 27 Page - Pericom Semiconductor Corporation

Back Button PI7VD9004ABH Datasheet HTML 23Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 24Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 25Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 26Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 27Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 28Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 29Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 30Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 31Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
PI7VD9004ABH
Adaptive EQ 4-channel 960H Video Decoder
Pericom Semiconductor Corporation  
27 
www.pericom.com     
 
BIT
FUNCTION
TYPE
DESCRIPTION
11h:Reserved
12h:Select playback audio of the slave chip
13h:Reserved
14h:Playback data output and playback data can adjust
volume by DF[3:0]
15h:Select record audio of channel LINE_IN4_1
16h:Select record audio of channel LINE_IN4_2
17h:Select record audio of channel LINE_IN4_3
18h:Select record audio of channel LINE_IN4_4
Others:No audio output
[7:5]
Reserved
R
Reset to 0h
6.1.35 SDOUT_M SELECT (L) REGISTER – OFFSET 7CH(Default=00H)
BIT
FUNCTION
TYPE
DESCRIPTION
[1:0]
Reserved
R
Reset to 00b
[4:0]
I2SO_RSEL
RW
Select
L
channel
output
on
SDOUT_M
pin
when
SDOUTM_I2SOEN=1:
0:Select record audio channel LINE_IN0_1
1:Select record audio channel LINE_IN1_2
2:Select record audio channel LINE_IN2_3
3:Select record audio channel LINE_IN3_4
4:Select record audio channel LINE_IN0_1
5:Select record audio channel LINE_IN1_2
6:Select record audio channel LINE_IN2_3
7:Select record audio channel LINE_IN3_4
8:Select record audio channel LINE_IN0_1
9:Select record audio channel LINE_IN1_2
A:Select record audio channel LINE_IN2_3
B:Select record audio channel LINE_IN3_4
C:Select record audio channel LINE_IN0_1
D:Select record audio channelLINE_IN1_2
E:Select record audio channel LINE_IN2_3
F:Select record audio channel LINE_IN3_4
10h:Select playback audio of the master chip
11h:Reserved
12h:Select playback audio of the slave chip
13h:Reserved
14h:Playback data output and playback data can adjust
volume by DF[3:0]
15h:Select record audio of channel LINE_IN4_1
16h:Select record audio of channel LINE_IN4_2
17h:Select record audio of channel LINE_IN4_3
18h:Select record audio of channel LINE_IN4_4
Others:No audio output
[7:5]
Reserved
R
Reset to 000b
6.1.36 EXTENDED LINE SELECT REGISTER – OFFSET 7DH(Default=E4H)
BIT
FUNCTION
TYPE
DESCRIPTION
13-0174


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn