Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI7VD9004ABH Datasheet(PDF) 26 Page - Pericom Semiconductor Corporation

Part No. PI7VD9004ABH
Description  Adaptive EQ 4-channel 960H Video Decoder
Download  53 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERICOM [Pericom Semiconductor Corporation]
Homepage  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7VD9004ABH Datasheet(HTML) 26 Page - Pericom Semiconductor Corporation

Back Button PI7VD9004ABH Datasheet HTML 22Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 23Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 24Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 25Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 26Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 27Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 28Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 29Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 30Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
PI7VD9004ABH
Adaptive EQ 4-channel 960H Video Decoder
Pericom Semiconductor Corporation  
26 
www.pericom.com     
 
6.1.30 RESERVED REGISTER – OFFSET 66-6FH
6.1.31 AUDIO CLOCK CONTROL REGISTER – OFFSET 70H(Default=08H)
BIT
FUNCTION
TYPE
DESCRIPTION
[2:0]
AFMD
RW
0: 8KHz
1: 16KHz
2: 32KHz
3: 44.1KHz
4: 48KHz
[3]
Reserved
R
Reset to 1b
[5:4]
Reserved
R
Reset to 0b
[6]
S2I_8BIT
RW
0:SCLK_P/LRCK_P/SDOUT_P pin input 16-bit control
1: SCLK_P/LRCK_P/SDOUT_P pin input 8-bit control
[7]
Reserved
R
Reset to 0b
6.1.32 I2S AUDIO INPUT CONTROL REGISTER – OFFSET 71H(Default=00H)
BIT
FUNCTION
TYPE
DESCRIPTION
[1:0]
Reserved
R
Reset to 00b
[2]
SDINPDLY
RW
SDIN_P input data delay by one SCLK_P clock
0:No delay; 1T delay for I2S interface
1:Add 1 SCLK_P clock delay in SDIN_P input.; 0T delay for
left-justified interface.
[7:3]
Reserved
R
Reset to 00h
6.1.33 RESERVED REGISTER – OFFSET72H-7AH
6.1.34 SDOUT_M SELECT (R) REGISTER – OFFSET 7BH(Default=00H)
BIT
FUNCTION
TYPE
DESCRIPTION
[1:0]
Reserved
R
Reset to 00b
[4:0]
I2SO_RSEL
RW
Select R
channel
output
on
SDOUT_M
pin
when
SDOUTM_I2SOEN=1
0:Select record audio channel LINE_IN0_1
1:Select record audio channel LINE_IN1_1
2:Select record audio channel LINE_IN2_1
3:Select record audio channel LINE_IN3_1
4:Select record audio channel LINE_IN0_2
5:Select record audio channel LINE_IN1_2
6:Select record audio channelLINE_IN2_2
7:Select record audio channel LINE_IN3_2
8:Select record audio channel LINE_IN0_3
9:Select record audio channel LINE_IN1_3
A:Select record audio channel LINE_IN2_3
B:Select record audio channel LINE_IN3_3
C:Select record audio channel LINE_IN0_4
D:Select record audio channel LINE_IN1_4
E:Select record audio channel LINE_IN2_4
F:Select record audio channel LINE_IN3_4
10h:Select playback audio of the master chip
13-0174


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn