Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI7VD9004ABH Datasheet(PDF) 25 Page - Pericom Semiconductor Corporation

Part No. PI7VD9004ABH
Description  Adaptive EQ 4-channel 960H Video Decoder
Download  53 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERICOM [Pericom Semiconductor Corporation]
Homepage  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7VD9004ABH Datasheet(HTML) 25 Page - Pericom Semiconductor Corporation

Back Button PI7VD9004ABH Datasheet HTML 21Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 22Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 23Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 24Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 25Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 26Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 27Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 28Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 29Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
PI7VD9004ABH
Adaptive EQ 4-channel 960H Video Decoder
Pericom Semiconductor Corporation  
25 
www.pericom.com     
 
BIT
FUNCTION
TYPE
DESCRIPTION
[0]
GPIO_0OE
RW
0: GPIO_0 pin is input.
1: GPIO_0 pin is output.
[1]
GPIO_1OE
RW
0: GPIO_1 pin is input.
1: GPIO_1 pin is output.
[2]
GPIO_2OE
RW
0: GPIO_2 pin is input.
1: GPIO_2 pin is output.
[3]
GPIO_3OE
RW
0: GPIO_3 pin is input.
1: GPIO_3 pin is output.
[4]
O36M0
RW
0: Channel 0 generates 27MHz video data
1: Channel 0 generates 36MHz video data
[5]
O36M1
RW
0: Channel 1 generates 27MHz video data
1: Channel 1 generates 36MHz video data
[6]
O36M2
RW
0: Channel 2 generates 27MHz video data
1: Channel 2 generates 36MHz video data
[7]
O36M3
RW
0: Channel 3 generates 27MHz video data
1: Channel 3 generates 36MHz video data
6.1.27 CHANNEL ID01 REGISTER – OFFSET 63H(Default=10H)
BIT
FUNCTION
TYPE
DESCRIPTION
[3:0]
CH0NUM
RW
Assign channel ID number in CV_IN0A/CV_IN0B video
data output
[7:4]
CH1NUM
RW
Assign channel ID number in CV_IN1A/CV_IN1B video
data output
6.1.28 CHANNEL ID23 REGISTER – OFFSET 64H(Default=32H)
BIT
FUNCTION
TYPE
DESCRIPTION
[3:0]
CH2NUM
RW
Assign channel ID number in CV_IN2A/CV_IN2B video
data output
[7:4]
CH3NUM
RW
Assign channel ID number in CV_IN3A/CV_IN3B video
data output
6.1.29 PIXEL OUTPUT BUS TRI-STATE CONTROL REGISTER – OFFSET 65H(Default=00H)
BIT
FUNCTION
TYPE
DESCRIPTION
[0]
PIXOUT_0 OEB
RW
PIXOUT_0 [7:0] output tri-state control.
0: Put the bus in tri-state mode.
1: Put the bus in output mode
[1]
PIXOUT_1 OEB
RW
PIXOUT_1 [7:0] output tri-state control.
0: Put the bus in tri-state mode.
1: Put the bus in output mode
[2]
PIXOUT_2 OEB
RW
PIXOUT_2 [7:0] output tri-state control.
0: Put the bus in tri-state mode.
1: Put the bus in output mode
[3]
PIXOUT_3 OEB
RW
PIXOUT_3 [7:0] output tri-state control.
0: Put the bus in tri-state mode.
1: Put the bus in output mode
[7:4]
Reserved
R
Reset to 0h
13-0174


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn