Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI7VD9004ABH Datasheet(PDF) 24 Page - Pericom Semiconductor Corporation

Part No. PI7VD9004ABH
Description  Adaptive EQ 4-channel 960H Video Decoder
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7VD9004ABH Datasheet(HTML) 24 Page - Pericom Semiconductor Corporation

Back Button PI7VD9004ABH Datasheet HTML 20Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 21Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 22Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 23Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 24Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 25Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 26Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 27Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 28Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
PI7VD9004ABH
Adaptive EQ 4-channel 960H Video Decoder
Pericom Semiconductor Corporation  
24 
www.pericom.com     
 
BIT
FUNCTION
TYPE
DESCRIPTION
1: F-bit in the 4th byte for channel 0 is inverted.
[1]
FBITINV1
R/W
0: F-bit in the 4th byte of 656 EAV/SAV for channel 2 is not
inverted.
1: F-bit in the 4th byte for channel 1is inverted.
[2]
FBITINV2
R/W
0: F-bit in the 4th byte of 656 EAV/SAV for channel 3 is not
inverted.
1: F-bit in the 4th byte for channel 2is inverted.
[3]
FBITINV3
R/W
0: F-bit in the 4th byte of 656 EAV/SAV for channel 4 is not
inverted.
1: F-bit in the 4th byte for channel 3is inverted.
[7:4]
Reserved
R
Reset to 0b
6.1.19 RESERVED REGISTER – OFFSET 52H-56H
6.1.20 HBLEN REGISTER – OFFSET 57H/58H/59H/5AH(Default=90H)
BIT
FUNCTION
TYPE
DESCRIPTION
[7:0]
HBLENn[7:0]
n=1,2,3,4
R
Display the blanking length starting from EAV to SAV code.
(1) In 27MHz D1 Mode: 90H for PAL while 8AH for NTSC
(2) In 36MHz WD1 Mode: C0H for PAL while B8H for
NTSC
6.1.21 RESERVED REGISTER – OFFSET 5BH
6.1.22 BGCTL-REGISTER – OFFSET 5CH(Default=00H)
BIT
FUNCTION
TYPE
DESCRIPTION
[3:0]
Reserved
RW
Reset to 0h
[4]
Reserved
R
Reset to 0h
[5]
Reserved
R
Reset to 0b
[7:6]
Reserved
R
Reset to 0b
6.1.23 RESERVED REGISTER – OFFSET 5DH-5FH
6.1.24 RESERVED REGISTER – OFFSET 60H
6.1.25 CRYSTAL CLOCK SELECT REGISTER – OFFSET 61H(Default=03H)
BIT
FUNCTION
TYPE
DESCRIPTION
[1:0]
XINMD
RW
XIN input frequency
0:27Mhz
1:54Mhz
2:108Mhz
3: 54/27Mhz
[7:2]
Reserved
RW
Reset to 00h
6.1.26 36M/GPIO_OE REGISTER – OFFSET 62H(Default=00H)
BIT
FUNCTION
TYPE
DESCRIPTION
13-0174


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn