Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI7VD9004ABH Datasheet(PDF) 23 Page - Pericom Semiconductor Corporation

Part No. PI7VD9004ABH
Description  Adaptive EQ 4-channel 960H Video Decoder
Download  53 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERICOM [Pericom Semiconductor Corporation]
Homepage  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7VD9004ABH Datasheet(HTML) 23 Page - Pericom Semiconductor Corporation

Back Button PI7VD9004ABH Datasheet HTML 19Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 20Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 21Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 22Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 23Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 24Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 25Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 26Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 27Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
PI7VD9004ABH
Adaptive EQ 4-channel 960H Video Decoder
Pericom Semiconductor Corporation  
23 
www.pericom.com     
 
6.1.6
CHROMA(V) GAIN REGISTER – OFFSET 05H/15H/25H/35H(Default=80H)
BIT
FUNCTION
TYPE
DESCRIPTION
[7:0]
Chroma (V) Gain
RW
Chroma gain value of controlling the color saturation
6.1.7
HUECONTROL REGISTER – OFFSET 06H/16H/26H/36H(Default=00H)
BIT
FUNCTION
TYPE
DESCRIPTION
[7:0]
Hue
RW
These signed bits control color hue.
+90C(7Fh) to -90C(80h)
6.1.8
RESERVED REGISTER– OFFSET07H/17H/27H/37H
6.1.9
RESERVED REGISTER – OFFSET 08H/18H/28H/38H
6.1.10 RESERVED REGISTER – OFFSET09H/19H/29H/39H
6.1.11 RESERVED REGISTER – OFFSET 0AH/1AH/2AH/3AH
6.1.12 RESERVED REGISTER – OFFSET 0BH/1BH/2BH/3BH
6.1.13 RESERVED REGISTER – OFFSET 0CH/1CH/2CH/3CH
6.1.14 RESERVED REGISTER – OFFSET 0DH/1DH/2DH/3DH
6.1.15 STANDARD SELECTION REGISTER – OFFSET 0EH/1EH/2EH/3EH(Default=77H)
BIT
FUNCTION
TYPE
DESCRIPTION
[2:0]
Standard Selection
RW
0: NTSC(M)
1: PAL(B,D,G,H,I)
2:Not valid
3: NTSC4.43
4: PAL(M)
5: PAL(CN)
6: PAL60
7: Auto detection
[3]
Reserved
R
Reset to 0b
[6:4]
Current
Standard
Detected
R
0: NTSC(M)
1: PAL(B,D,G,H,I)
2:Not valid
3: NTSC4.43
4: PAL(M)
5: PAL(CN)
6: PAL60
7:Not valid
[7]
Reserved
R
Reset to 0b
6.1.16 RESERVEDREGISTER – OFFSET 0FH/1FH/2FH/3FH
6.1.17 RESERVED REGISTER – OFFSET 40H-50H
6.1.18 FBITINV REGISTER – OFFSET 51H(Default=00H)
BIT
FUNCTION
TYPE
DESCRIPTION
[0]
FBITINV0
R/W
0: F-bit in the 4th byte of 656 EAV/SAV for channel 1 is not
inverted.
13-0174


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn