Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI7VD9004ABH Datasheet(PDF) 22 Page - Pericom Semiconductor Corporation

Part No. PI7VD9004ABH
Description  Adaptive EQ 4-channel 960H Video Decoder
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7VD9004ABH Datasheet(HTML) 22 Page - Pericom Semiconductor Corporation

Back Button PI7VD9004ABH Datasheet HTML 18Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 19Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 20Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 21Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 22Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 23Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 24Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 25Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 26Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
PI7VD9004ABH
Adaptive EQ 4-channel 960H Video Decoder
Pericom Semiconductor Corporation  
22 
www.pericom.com     
 
BIT
FUNCTION
TYPE
DESCRIPTION
0
DET50
R
0: 60Hz source detected
1: 50Hz source detected
1
MONO
R
0:Color burst signal detected
1: No color burst signal detected
2
Reserved
R
Reset to 0b
3
VLOCK
R
0: Vertical logic is not locked
1: Vertical logic is locked to incoming video
4
Reserved
R
Reset to 0b
5
SLOCK
R
0: Sub-carrier sync is not detected
1: Sub-carrier sync is detected
6
HLOCK
R
0:Horizontal sync is not detected
1: Horizontal sync is detected
7
VDLOSS
R
0: Video is detected
1: Video not present
6.1.2
BRIGHTNESS CONTROL REGISTER – OFFSET 01H/11H/21H/31H(Default=00H)
BIT
FUNCTION
TYPE
DESCRIPTION
[7:0]
Brightness
RW
These Signed bits control the brightness.Value range
from -128 to 127
8'h7F: brightest; 8'h80: darkest ;8’h00 : no effect
6.1.3
CONTRASTCONTROL REGISTER – OFFSET 02H/12H/22H/32H(Default=64H)
BIT
FUNCTION
TYPE
DESCRIPTION
[7:0]
Contrast
RW
These unsigned bits control the luminance gain.
8'h7F: maximum contrast
8'h00: minimum contrast
6.1.4
SHARPNESS CONTROL REGISTER – OFFSET 03H/13H/23H/33H(Default=00H)
BIT
FUNCTION
TYPE
DESCRIPTION
[3:0]
Sharpness
RW
These bits control the amount of sharpness enhancement
on the luminance signals
"0" has no effect on the output image
"1" through "15" provides sharpness enhancement with "15"
being the strongest
[7:4]
Reserved
R
Reset to 0h
6.1.5
CHROMA(U) GAIN REGISTER – OFFSET 04H/14H/24H/34H(Default=80H)
BIT
FUNCTION
TYPE
DESCRIPTION
[7:0]
Chroma (U) Gain
RW
Chroma gain value of controlling the color saturation
13-0174


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn