Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI7VD9004ABH Datasheet(PDF) 20 Page - Pericom Semiconductor Corporation

Part No. PI7VD9004ABH
Description  Adaptive EQ 4-channel 960H Video Decoder
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7VD9004ABH Datasheet(HTML) 20 Page - Pericom Semiconductor Corporation

Back Button PI7VD9004ABH Datasheet HTML 16Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 17Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 18Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 19Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 20Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 21Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 22Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 23Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 24Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
PI7VD9004ABH
Adaptive EQ 4-channel 960H Video Decoder
Pericom Semiconductor Corporation  
20 
www.pericom.com     
 
5 Configuration, Control, and Status Register Map
Address
Function
00h/10h/20h/30h (00h)
Video Status
01h/11h/21h/31h (00h)
Brightness Control
02h/12h/22h/32h (64h)
Contrast Control
03h/13h/23h/33h (00h)
Sharpness Control
04h/14h/24h/34h (80h)
Chroma (U) Gain
05h/15h/25h/35h (80h)
Chroma (V) Gain
06h/16h/26h/36h (00h)
Hue Control
07h/17h/27h/37h
Reserved
08h/18h/28h/38h
Reserved
09h/19h/29h/39h
Reserved
0Ah/1Ah/2Ah/3Ah
Reserved
0Bh/1Bh/2Bh/3Bh
Reserved
0Ch/1Ch/2Ch/3Ch
Reserved
0Dh/1Dh/2Dh/3Dh
Reserved
0Eh/1Eh/2Eh/3Eh (77h)
Standard Selection
0Fh/1Fh/2Fh/3Fh
Reserved
40h-50h
Reserved
51h (00h)
F-Bit of SAV/EAV Inverted
52h-56h
Reserved
57h/58h/59h/5Ah (90h)
Blanking Length of Horizontal Line
5Bh
Reserved
5Ch (00h)
Video Fast Switch
5Dh-60h
Reserved
61h (03h)
Crystal Clock Select
62h (00h)
36M & GPIO Output Enable
63h (10h)
ID for Video Channel 0 & 1
64h (32h)
ID for Video Channel 2&3
65h (00h)
Clock Output Control
66h-6Fh
Reserved
70h (08h)
Audio Clock Control
71h (00h)
I2S Audio Input Control
72h-7Ah
Reserved
7Bh (00h)
SDOUT_M Select (R)
7Ch (00h)
SDOUT_M Select (L)
7Dh (E4h)
Extended Line Select
7Eh
Reserved
7Fh (08h)
Mix Ratio 4
80h (00h)
Software Reset
81h-84h
Reserved
85h (00h)
Video Source Selection
86h-88h
Reserved
89h (00h)
Audio FS Mode
8Ah-9Eh
Reserved
9Fh (00h)
PIXCLK 0Delay
A0h-B0h
Reserved
B1h (00h)
Channel ID for 8 Video Sources
B2h-C7h
Reserved
C8h (00h)
GPIO_0_1 Mode
13-0174


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn