Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI7VD9004ABH Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part No. PI7VD9004ABH
Description  Adaptive EQ 4-channel 960H Video Decoder
Download  53 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERICOM [Pericom Semiconductor Corporation]
Homepage  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7VD9004ABH Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI7VD9004ABH Datasheet HTML 7Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 8Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 9Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 10Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 11Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 12Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 13Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 14Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 15Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
PI7VD9004ABH
Adaptive EQ 4-channel 960H Video Decoder
Pericom Semiconductor Corporation  
11 
www.pericom.com     
 
4 Functional Description
4.1
Video/Audio Analog Input
PI7VD9004ABH offers4 channels NTSC, PAL (720H or 960H) format composite (CVBS) inputs(CV_INAx and CV_INBx,
x= 0,1,2,3). When the input signal is weak and the color burst is not able to be recognized, the video is automatically
switched to Black and White mode to enhance the picture image quality.
Format
Lines Field Fsc
Country
NTSC-M
525
60
3.579545 MHz
U.S., many others
NTSC-Japan
525
60
3.579545 MHz
Japan *
NTSC (4.43)
525
60
4.433619 MHz
Transcoding
PAL-B, G, N
625
50
4.433619 MHz
Many
PAL-I /H /D
625
50
4.433619 MHz
Belgium ,China Great Britain, others
PAL-M
525
60
3.575612 MHz
Brazil
PAL-CN
625
50
3.582056 MHz
Argentina
PAL-60
525
60
4.433619 MHz
China
*
NTSC-Japan has 0 IRE setup
4.2
Clamping and Automatic Gain Control
Each analog input channel has built-in clamping circuits to restore signal DC level. Automatic Gain Control (AGC) circuits
in the internal video processor can compensate average input video signal level for each analog input channel. The AGC
and clamping circuits prevent signal level saturation and allow the video decoder to deliver the best signal-to-noise
performance. On the other hand, the AGC cooperates with the digital multiplier of video decoder to boost the weak signals.
The circuits perform Automatic Gain Control through internal feedback look. Manual gain control is also available
through configuring the Video Decoder Control and Status Registers
4.3
Video Decoder
The video decoder in the chip converts NTSC and PAL video signals to 8-bit ITU-R BT.656 format. The chip includes four
high speed and low power 10-bit analog-to-digital converters (ADC) with 2x sampling rate to support 4-channel video
decoding. When the incoming video is in the 720H format, the sampling rate is 27MHz or 54MHz by 2x factor. For 960H
format, the sampling rate is 36MHz or 72MHz by 2x factor. The chip implements proprietary circuit design that is
optimized for locking in weak, noisy, or unstable signals. The minimal signal voltage that can be locked in is at 160/80 mV
4.4
Adaptive Equalization
The CVBS is suffered from channel loss by an extended transmission distance (greater than 500m) and a small diameter
(less than 0.5mm) of CCTV cable. The distortion on CVBS after the energy reduction effect of cable length is illustrated as
below. For example, a Multi-Burst test signal is respectively measured at 0.5m and 500m of cable.It appears that color burst
and sync tip have sever degration after 500m transmission distance. Adaptive equalization on the distorted CVBS recovers
the signal back to close to the original level. Since the different cable conditions present various effects on CVBS picture
image, the adaptive equalization provides to compensate the signal loss on some frequency components pertinent to the
Coax cable.
13-0174


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn