Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI7VD9004ABH Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part No. PI7VD9004ABH
Description  Adaptive EQ 4-channel 960H Video Decoder
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7VD9004ABH Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI7VD9004ABH Datasheet HTML 6Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 7Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 8Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 9Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 10Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 11Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 12Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 13Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 14Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
PI7VD9004ABH
Adaptive EQ 4-channel 960H Video Decoder
Pericom Semiconductor Corporation  
10 
www.pericom.com     
 
LRCK_P
79
Input/
Output
Playback audio serial sync pulse. It is an input pin under
slave mode, while output pin under master mode.
SDIN_P
80
Input
Playback audio serial data input.
SD_LINKI
14
Input
Chip-to-Chip audio serial data input.
SD_LINKO
81
Output
Chip-to-Chip audio serial data output.
System Control Interface
Pin Name
Pin Number
TypeDescription
RESET_L
10
Input
Chip Reset. Active Low.
XIN
46
Input
27MHz or 54MHz crystal input or 27MHz/54MHz/108MHz
oscillator input
XOUT
47
Output
27MHz or 54MHz crystal output
PIXCLK_P0
42
Output
Positive Output clock signal running at 27/54/108MHz
(720H mode) or 36/72/144MHz (960H mode) for bus
PIXOUT_0.
PIXCLK_N0
43
Output
Negative Output clock signal running at 27/54/108MHz
(720H mode) or 36/72/144MHz (960H mode) for bus
PIXOUT_0
TM1
5
Input
Test pin. Tied to VSS.
SA1
7
Input
Device Address 1 of I2C slave interface
SA0
6
Input
Device Address 0 of I2C slave interface
SCL
11
Input
Input clock signal of I2C slave interface
SDA
12
Input/
Output
Data signal of I2C slave interface
INT
88
Output
Interrupt signal to system. Active High.
Power and Ground
Pin Name
Pin Number
TypeDescription
VDDC
4, 9, 21, 27, 35, 45,
55, 62, 87
Power
1.0V Power for core logic
VD33
15, 29, 41, 49, 60,
72, 82
Power
3.3V Power for IO pads
VSS
1, 2, 3, 13, 20, 26,
28, 34, 40, 44, 48,
54, 61, 67, 77, 89,
90, 100, 101, 112,
118, 123, 125
Ground
Ground for video ADC, audio ADC, audio DAC, PLL, core
logic and IO pads
ADC_VDD
108, 109, 115, 121,
122, 124, 126
Power
3.3V Power for video ADC and audio ADC.
ADAC_VDD
97, 98
Power
3.3V Power for audio DAC
VDDPLL
127, 128
Power
3.3V Power for AV PLL
No Connection Pins
Pin Name
Pin
TypeDescription
NC
91, 92, 93, 94, 95, 96 N/A
Not Connected Pin. Please let these pins floating.
13-0174


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn