Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI7VD9004ABH Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part No. PI7VD9004ABH
Description  Adaptive EQ 4-channel 960H Video Decoder
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7VD9004ABH Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI7VD9004ABH Datasheet HTML 5Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 6Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 7Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 8Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 9Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 10Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 11Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 12Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 13Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
PI7VD9004ABH
Adaptive EQ 4-channel 960H Video Decoder
Pericom Semiconductor Corporation  
www.pericom.com     
 
3 Pin-out Information
Analog Video/Audio Interface
Pin Name
Pin Number
TypeDescription
CV_INA0,
CV_INB0,
CV_INA1,
CV_INB1,
CV_INA2,
CV_INB2,
CV_INA3,
CV_INB3
110,
111,
113,
114,
116,
117,
119,
120
Analog
CVBS input A of Video channel 0
CVBS input B of Video channel 0
CVBS input A of Video channel 1
CVBS input B of Video channel 1
CVBS input A of Video channel 2
CVBS input B of Video channel 2
CVBS input A of Video channel 3
CVBS input B of Video channel 3
VCM
102
Analog
Connect to an external capacitor
LINE_IN0,
LINE_IN1,
LINE_IN2,
LINE_IN3,
LINE_IN4
103,
104,
105,
106,
107
Analog
Line input of Audio channel 0
Line input of Audio channel 1
Line input of Audio channel 2
Line input of Audio channel 3
Line input of Audio channel 4
LINE_OUT
99
Analog
Mixed Analog Audio Output
Digital Video/Audio Interface
Pin Name
Pin Number
TypeDescription
PIXOUT_0[7:0]
63, 64, 65,
66,68,69,
70,71
Output
Bt.656 Time Multiplex Division output of port 0
PIXOUT_1[7:0]
50, 51, 52, 53,
56,57,58,59
Output
Bt.656 Time Multiplex Division output of port 1
PIXOUT_2[7:0]
30, 31, 32, 33,
36, 37, 38, 39
Output
Bt.656 Time Multiplex Division output of port 2
PIXOUT_3[7:0]
16, 17, 18, 19, 22,
23, 24, 25
Output
Bt.656 Time Multiplex Division output of port 3
GPIO_0
83
Output
According to register setting, it outputs GPO, HSYC,
VSYNC, FDFLAG, ACTIVE and VDLOSS of channel 0
GPIO_1
84
Output
According to register setting, it outputs GPO, HSYC,
VSYNC, FDFLAG, ACTIVE and VDLOSS of channel 1
GPIO_2
85
Output
According to register setting, it outputs GPO, HSYC,
VSYNC, FDFLAG, ACTIVE and VDLOSS of channel 2
GPIO_3
86
Output
According to register setting, it outputs GPO, HSYC,
VSYNC, FDFLAG, ACTIVE and VDLOSS of channel 3
SCLK_R
73
Input/
Output
Record audio serial clock. It is an input pin under slave
mode, while output pin under master mode.
LRCK_R
74
Input/
Output
Record audio serial sync pulse. It is an input pin under slave
mode, while output pin under master mode.
SDOUT_R
75
Output
Record audio serial data output.
SDOUT_M
76
Output
Mixing audio serial data output.
SCLK_P
78
Input/
Output
Playback audio serial clock. It is an input pin under slave
mode, while output pin under master mode
13-0174


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn