Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI7VD9004ABH Datasheet(PDF) 46 Page - Pericom Semiconductor Corporation

Part No. PI7VD9004ABH
Description  Adaptive EQ 4-channel 960H Video Decoder
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7VD9004ABH Datasheet(HTML) 46 Page - Pericom Semiconductor Corporation

Back Button PI7VD9004ABH Datasheet HTML 42Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 43Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 44Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 45Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 46Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 47Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 48Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 49Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 50Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
PI7VD9004ABH
Adaptive EQ 4-channel 960H Video Decoder
Pericom Semiconductor Corporation  
46 
www.pericom.com     
 
VOL
Digital Output low voltage
0.4
V
IL
Input Leakage Current
+/- 1
uA
IOZ
Tri-state output leakage current
+/- 1
uA
IOH
High level output current
VOH=2.4V
11
17
24
mA
IOL
Low level output current
VOL=0.4V
8
13
16
mA
Rpu
Input pull-up resistance
Vin=0
61
75
105
Rpd
Input pull-down resistance
Vin=DVDD33
101
199
330
Tj
Junction temperature
-40
25
125
°C
7.3.1
Power Dissipation
Symbol
Parameters
Test Condition
Min.
Typ.
Max.
Unit
3.3VTOTAL
Total 3.3V Power Voltage
Connect all Video/Audio PINS
218
mA
1.0VTOTAL
Core Supply Voltage
(VDDC)
Connect all Video/Audio PINS
158
mA
PTOT
Total Power Consumption
Connect all Video/Audio PINS
741
mW
7.3.2
Power-On Sequence of 3.3V and 1.0V Power
Symbol
Parameters
Min
Typ
Max
Unit
T1
Interval Delay between IO and Core Power Supply
0
10
500
ms
7.3.3
Crystal Specifications
Parameters
Min
Typ
Max
Unit
Frequency
27
MHz
Frequency tolerance
±50
ppm
7.4
AC Electrical Characteristics
Symbol Parameter
Test Condition
Min
Typ
Max
Unit
Zi
Input impedance
Analog video inputs by design40
Ci
Input Capacitance
Analog video inputs by design10
pF
DNL
Differential Non Linearity
±2
LSB
INL
Integral Non Linearity
±3
LSB
Vi
Full scale input range
The expected full input range is only
0.5 Vpp to 1.0 Vpp.
0.25
1.6
Vpp
SNR
Signal to Noise Ratio
This is measured with a -1dB full
scale input signal and adjusted for
full scale amplitude
50
dB
THD
Total Harmonic Distortion
-50
dB
Analog input bandwidth
This bandwidth does not include
300
MHz
13-0174


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn