Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PI7VD9004ABH Datasheet(PDF) 45 Page - Pericom Semiconductor Corporation

Part No. PI7VD9004ABH
Description  Adaptive EQ 4-channel 960H Video Decoder
Download  53 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERICOM [Pericom Semiconductor Corporation]
Homepage  http://www.pericom.com
Logo 

PI7VD9004ABH Datasheet(HTML) 45 Page - Pericom Semiconductor Corporation

Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
PI7VD9004ABH
Adaptive EQ 4-channel 960H Video Decoder
Pericom Semiconductor Corporation  
45 
www.pericom.com     
 
[7:6]
Dev_ID[6:5]
R
Reset to 00b
6.1.80 DEVICE ID - L REGISTER– OFFSET FFH(Default=E8H)
BIT
FUNCTION
TYPE
DESCRIPTION
[2:0]
REV_ID
R
Reset to 000b
[7:3]
Dev_ID[4:0]
R
Reset to 1dh
7 Electrical Characteristics
7.1
Absolute Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Parameters
Value
Note:
Stresses greater than those listed under
MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating
only and functional operation of the device at
these or any other conditions above those
indicated in the operational sections of this
specification is not implied. Exposure to
absolute maximum rating conditions for
extended periods may affect reliability.
Supply Voltage
Range
3.3V Power Supply
-0.3V to 4.5V
Core Power 1.0V Supply
-0.3V to 1.8V
TA Operating free-air temperature range
-45 °C to 85 °C
Tstg Storage Temperature
-65 °C to 150 °C
7.2
Operating Conditions
Symbol
Parameters
Min.
Typ.
Max.
Unit
VD33,ADC_VDD,
ADAC_VDD,
VDDPLL
3.3V Power supply voltage
3.0
3.3
3.6
V
VDDC
Core Power supply voltage
0.9
1.0
1.1
V
VI(P-P)
Analog input voltage (ac-coupling necessary)
0
1.6
V
TA
Ambient free-air temperature
0
70
°C
7.3
DC Electrical Characteristics
Symbol
Parameters
Conditions
Min.
Typ.
Max.
Unit
VIH
Digital input high voltage
2.0
3.6
V
VIL
Digital input low voltage
-0.3
0.8
V
VOH
Digital Output high voltage
2.4
V
13-0174


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn