Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI7VD9004ABH Datasheet(PDF) 44 Page - Pericom Semiconductor Corporation

Part No. PI7VD9004ABH
Description  Adaptive EQ 4-channel 960H Video Decoder
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7VD9004ABH Datasheet(HTML) 44 Page - Pericom Semiconductor Corporation

Back Button PI7VD9004ABH Datasheet HTML 40Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 41Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 42Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 43Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 44Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 45Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 46Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 47Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 48Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
PI7VD9004ABH
Adaptive EQ 4-channel 960H Video Decoder
Pericom Semiconductor Corporation  
44 
www.pericom.com     
 
1: The polarity of PIXCLK_P is inversed
[7]
PIXCLK_N_POL
RW
0:The polarity of PIXCLK_N is not inversed
1: The polarity of PIXCLK_N is inversed
6.1.77 VIDEO/AUDIO DETECTION ENABLE REGISTER–OFFSET FCH (Default=FFH)
BIT
FUNCTION
TYPE
DESCRIPTION
[7:0]
AVDET_EN
RW
Enable the status register updated and interrupt request if
the following video or audio source is detected. The
mapping of video/audio input to each bit of the register is
defined as below.
Bit0: Video input CV_IN0.
Bit1: Video input CV_IN1.
Bit2: Video input CV_IN2.
Bit3: Video input CV_IN3.
Bit4: Audio input LINE_IN0.
Bit5: Audio input LINE_IN1.
Bit6: Audio input LINE_IN2.
Bit7: Audio input LINE_IN3.
0: Disable status register updated and interrupt request
1: Enable status register updated and interrupt request
6.1.78 VIDEO/AUDIO DETECTION STATUS REGISTER–OFFSET FDH (Default=00H)
BIT
FUNCTION
TYPE
DESCRIPTION
[7:0]
AVDET_STATUS
R
Display the detection status of each video or audio source
according
to
AVDET_EN,
VDET_MODE
and
ADET_MODE. The mapping of video/audio input to each
bit of the register is defined as below. The bits will be
cleared once the register is read by software except
VDET_MODE =3 or ADET_MODE=3.
Bit0: Video input CV_IN0.
Bit1: Video input CV_IN1.
Bit2: Video input CV_IN2.
Bit3: Video input CV_IN3.
Bit4: Audio input LINE_IN0.
Bit5: Audio input LINE_IN1.
Bit6: Audio input LINE_IN2.
Bit7: Audio input LINE_IN3.
0: Inactive. No event detected after the last access to this bit.
1: Active. An event is detected.
6.1.79 DEVICE ID_H REGISTER– OFFSET FEH(Default=00H)
BIT
FUNCTION
TYPE
DESCRIPTION
[5:0]
Reserved
R
Reset to 00h
13-0174


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn