Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI7VD9004ABH Datasheet(PDF) 42 Page - Pericom Semiconductor Corporation

Part No. PI7VD9004ABH
Description  Adaptive EQ 4-channel 960H Video Decoder
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7VD9004ABH Datasheet(HTML) 42 Page - Pericom Semiconductor Corporation

Back Button PI7VD9004ABH Datasheet HTML 38Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 39Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 40Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 41Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 42Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 43Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 44Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 45Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 46Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
PI7VD9004ABH
Adaptive EQ 4-channel 960H Video Decoder
Pericom Semiconductor Corporation  
42 
www.pericom.com     
 
7 : 50%
other : 100%
[7:4]
Reserved
R
Reset to 0h
6.1.72 MIXING OUTPUT CONTROL REGISTER– OFFSET E0H(Default=14H)
BIT
FUNCTION
TYPE
DESCRIPTION
[4:0]
MIX_OUTSEL
RW
Define the final audio output for analog and digital mixing
out:
0h: LINE_IN0_1
1h: LINE_IN1_1
2h: LINE_IN2_1
3h: LINE_IN3_1
4h: LINE_IN0_2
5h: LINE_IN1_2
6h: LINE_IN2_2
7h: LINE_IN3_2
8h: LINE_IN0_3
9h: LINE_IN1_3
Ah: LINE_IN2_3
Bh: LINE_IN3_3
Ch: LINE_IN0_4
Dh: LINE_IN1_4
Eh: LINE_IN2_4
Fh: LINE_IN3_4
10h: Playback audio of the master chip
11h: Reserved
12h: Playback audio of the slave chip
13h: Reserved
14h: Playback data output and playback data can adjust
volume by DFh[3:0]
15h: LINE_IN4_1
16h” LINE_IN4_2
17h: LINE_IN4_3
18h: LINE_IN4_4
Others: No audio output
[7:5]
Reserved
R
Reset to 000b
6.1.73 RESERVED REGISTER– OFFSET E1H-F8H
6.1.74 PIXCLK OUTPUT MODE REGISTER– OFFSET F9H (Default=00H)
BIT
FUNCTION
TYPE
DESCRIPTION
[0]
PIXCLK_PF
RW
Output frequency mode of PIXCLK_PO pin.
0: Output one of 27MHz, 54MHz or 180MHz frequency.
1: Output one of 36MHz, 72MHz or 144MHz frequency.
[1]
PIXCLK_NF
RW
Output frequency mode of PIXCLK_NO pin.
0: Output one of 27MHz, 54MHz or 180MHz frequency.
1: Output one of 36MHz, 72MHz or 144MHz frequency.
[7:2]
Reserved
R
Reset to 0h
13-0174


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn