Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI7VD9004ABH Datasheet(PDF) 40 Page - Pericom Semiconductor Corporation

Part No. PI7VD9004ABH
Description  Adaptive EQ 4-channel 960H Video Decoder
Download  53 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERICOM [Pericom Semiconductor Corporation]
Homepage  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7VD9004ABH Datasheet(HTML) 40 Page - Pericom Semiconductor Corporation

Back Button PI7VD9004ABH Datasheet HTML 36Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 37Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 38Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 39Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 40Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 41Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 42Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 43Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 44Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
PI7VD9004ABH
Adaptive EQ 4-channel 960H Video Decoder
Pericom Semiconductor Corporation  
40 
www.pericom.com     
 
6.1.67 I2S MASTER CONTROL REGISTER– OFFSET DBH(Default= C2H)
BIT
FUNCTION
TYPE
DESCRIPTION
[0]
ACLKRMASTER
RW
0: SCLK_R pin is slave mode
1: SCLK_R pin is master mode
[1]
Reserved
R
Reset to 1b
[2]
SDOUT_RPin Data
Format
RW
Per word unit on SDOUT_R Pin
0: 16bit
1: 8bit
[3]
PB_SYNC
RW
The audio data format for audio playback mode
0: I2S mode for playback
1: DSP mode for playback
[4]
PB_LRSEL
RW
Select the audio data position in playback input
I2S mode:
0: 1st Left channel audio data
1: 1st Right channel audio data
DSP mode:
0: 1st channel audio data
1: 2nd channel audio data
[5]
PB_MASTER
RW
The operation mode for playback mode.
0: SCLK_P pin is slave mode
1: SCLK_P pin is master mode
[7:6]
Reserved
R
Reset to 11b
6.1.68 MIX_MUTE REGISTER– OFFSET DCH(Default=00H)
BIT
FUNCTION
TYPE
DESCRIPTION
[4:0]
MIX_MUTE
R
Mute function Enable
0 : disable 1: mute
Bit[0] : LINE_0_1;
Bit[1] : LINE_1_1;
Bit[2] : LINE_2_1;
Bit[3] : LINE_3_1;
Bit[4] : Playback audio input;
[7:5]
Reserved
R
Reset to 00b
6.1.69 MIX RATIO VALUE FOR LINE_IN0 & LINE_IN1 REGISTER – OFFSET DDH (Default=88H)
BIT
FUNCTION
TYPE
DESCRIPTION
[3:0]
Mix_Ratio0
RW
LINE_IN0 ratio value for audio mixing function
0 : 0.39%
1 : 0.78%
2 : 1.56%
3 : 3.12%
4 : 6.25%
5 : 12.5%
6 : 25%
7 : 50%
13-0174


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn