Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7779ACPZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD7779ACPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779ACPZ Datasheet(HTML) 4 Page - Analog Devices

  AD7779ACPZ Datasheet HTML 1Page - Analog Devices AD7779ACPZ Datasheet HTML 2Page - Analog Devices AD7779ACPZ Datasheet HTML 3Page - Analog Devices AD7779ACPZ Datasheet HTML 4Page - Analog Devices AD7779ACPZ Datasheet HTML 5Page - Analog Devices AD7779ACPZ Datasheet HTML 6Page - Analog Devices AD7779ACPZ Datasheet HTML 7Page - Analog Devices AD7779ACPZ Datasheet HTML 8Page - Analog Devices AD7779ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 97 page
background image
AD7779
Data Sheet
Rev. 0 | Page 4 of 97
FUNCTIONAL BLOCK DIAGRAM
AVDD1x REF_OUT
REFx+
VCM
AVDD2
AVSSx
AVDD4
CONVST_SAR
IOVDD
AREGxCAP
DREGCAP
CLOCK
MANAGER
XTAL1
XTAL2/MCLK
SYNC_IN
SYNC_OUT
START
REFx–
DCLK
DRDY
DOUT3
DOUT2
DOUT1
DOUT0
FORMAT1
FORMAT0
MODE3/ALERT
MODE2/GPIO2
MODE1/GPIO1
MODE0/GPIO0
ALERT/CS
DCLK2/SCLK
DCLK1/SDI
DCLK0/SDO
RESET
Σ-∆ ADC
AIN0+
AIN0–
280mV p-p
Σ-∆ ADC
REFERENCES
EXT_REF
INT_REF
AIN1+
AIN1–
Σ-∆ ADC
REFERENCES
AIN2+
AIN2–
Σ-∆ ADC
REFERENCES
AIN3+
AIN3–
Σ-∆ ADC
REFERENCES
AIN4+
AIN4–
Σ-∆ ADC
REFERENCES
AIN5+
AIN5–
REFERENCES
AIN6+
AIN6–
REFERENCES
DIAGNOSTIC
INPUTS
AIN7+
AIN7–
SINC3/
SRC
FILTER
GAIN
OFFSET
COMMON-
MODE
VOLTAGE
ANALOG
LDO
2.5V REF
SINC3/
SRC
FILTER
GAIN
OFFSET
SINC3/
SRC
FILTER
GAIN
OFFSET
SINC3/
SRC
FILTER
GAIN
OFFSET
SINC3/
SRC
FILTER
GAIN
OFFSET
SINC3/
SRC
FILTER
GAIN
OFFSET
SINC3/
SRC
FILTER
GAIN
OFFSET
SINC3/
SRC
FILTER
GAIN
OFFSET
Σ-∆ ADC
Σ-∆ ADC
AUXAIN+
AUXAIN–
DATA OUTPUT
INTERFACE
REGISTER MAP
AND
LOGIC CONTROL
HARDWARE
MODE
CONFIGURATION
SPI INTERFACE
AD7779
SAR ADC
DIGITAL
LDO
PGA
PGA
PGA
PGA
PGA
PGA
PGA
PGA
Figure 1.


Similar Part No. - AD7779ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7779ACPZ AD-AD7779ACPZ Datasheet
1Mb / 101P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7779ACPZ-RL AD-AD7779ACPZ-RL Datasheet
1Mb / 101P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
More results

Similar Description - AD7779ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7770 AD-AD7770_17 Datasheet
2Mb / 98P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7770 AD-AD7770 Datasheet
1Mb / 94P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7771 AD-AD7771_17 Datasheet
1Mb / 99P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7779 AD-AD7779_16 Datasheet
1Mb / 101P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7771 AD-AD7771 Datasheet
357Kb / 14P
   8-Ch, 24-Bit Simultaneous Sampling ADC
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11040 MAXIM-MAX11040 Datasheet
363Kb / 31P
   24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC
Rev 0; 5/09
MAX11040 MAXIM-MAX11040_10 Datasheet
343Kb / 32P
   24-Bit, 4-Channel, Simultaneous-Sampling,Cascadable,Sigma-Delta ADC
Rev 2; 6/10
logo
Analog Devices
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com