Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7768-4BSTZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD7768-4BSTZ
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768-4BSTZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7768-4BSTZ Datasheet HTML 2Page - Analog Devices AD7768-4BSTZ Datasheet HTML 3Page - Analog Devices AD7768-4BSTZ Datasheet HTML 4Page - Analog Devices AD7768-4BSTZ Datasheet HTML 5Page - Analog Devices AD7768-4BSTZ Datasheet HTML 6Page - Analog Devices AD7768-4BSTZ Datasheet HTML 7Page - Analog Devices AD7768-4BSTZ Datasheet HTML 8Page - Analog Devices AD7768-4BSTZ Datasheet HTML 9Page - Analog Devices AD7768-4BSTZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 99 page
background image
AD7768/AD7768-4
Data Sheet
Rev. A | Page 6 of 99
SPECIFICATIONS
AVDD1A = AVDD1B = 4.5 V to 5.5 V, AVDD2A = AVDD2B = 2.0 V to 5.5 V, IOVDD = 2.25 V to 3.6 V, AVSS = DGND = 0 V, REFx+ =
4.096 V and REFx− = 0 V, MCLK = 32.768 MHz, analog input precharge buffers on, reference precharge buffers off, wideband filter, fCHOP =
fMOD/32, TA = −40°C to +105°C, unless otherwise noted. See Table 2 for specifications at 1.8 V IOVDD.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ADC SPEED AND PERFORMANCE
Output Data Rate (ODR), per
Channel1
Fast
8
256
kSPS
Median
4
128
kSPS
Eco
1
32
kSPS
−3 dB Bandwidth
Fast, wideband filter
110.8
kHz
Median, wideband filter
55.4
kHz
Eco, wideband filter
13.8
kHz
Data Output Coding
Twos complement, MSB first
No Missing Codes2
24
Bits
DYNAMIC PERFORMANCE
For 1.8 V operation, see Table 2; for
dynamic range and SNR across all dec-
imation rates, see Table 12 and Table 13
Fast
Decimation by 32, 256 kSPS ODR
Dynamic Range
Shorted input, wideband filter
106.2
108
dB
Signal-to-Noise Ratio (SNR)
1 kHz, −0.5 dBFS, sine wave input
Sinc5 filter
109
111
dB
Wideband filter
106
107.8
dB
Signal-to-Noise-and-
Distortion Ratio (SINAD)
1 kHz, −0.5 dBFS, sine wave input
104.7
107.5
dB
Total Harmonic Distortion
(THD)
1 kHz, −0.5 dBFS, sine wave input
−120
−107
dB
Spurious-Free Dynamic
Range (SFDR)
128
dBc
Median
Decimation by 32, 128 kHz ODR
Dynamic Range
Shorted input, wideband filter
106.2
108
dB
SNR
Sinc5 filter, 1 kHz, −0.5 dBFS, sine wave
input
109
111
dB
Wideband filter, 1 kHz, −0.5 dBFS, sine
wave input
106
107.8
dB
SINAD
1 kHz, −0.5 dBFS, sine wave input
105.8
107.5
dB
THD
1 kHz, −0.5 dBFS, sine wave input
−120
−113
dB
SFDR
128
dBc
Eco
Decimation by 32, 32 kHz ODR
Dynamic Range
Shorted input, wideband filter
106.2
108
dB
SNR
Sinc5 filter, 1 kHz, −0.5 dBFS, sine wave
input
109
111
dB
Wideband filter, 1 kHz, −0.5 dBFS, sine
wave input
106
107.8
dB
SINAD
1 kHz, −0.5 dBFS, sine wave input
105.8
107.5
dB
THD
1 kHz, −0.5 dBFS, sine wave input
−120
−113
dB
SFDR
128
dBc
INTERMODULATON DISTORTION
(IMD)3
fa = 9.7 kHz, fb = 10.3 kHz
Second order
−125
dB
Third order
−125
dB


Similar Part No. - AD7768-4BSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7768-4 AD-AD7768-4 Datasheet
3Mb / 34P
   36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
More results

Similar Description - AD7768-4BSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7761 AD-AD7761_17 Datasheet
1Mb / 76P
   8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
AD7761 AD-AD7761 Datasheet
1Mb / 69P
   8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Maxim Integrated Produc...
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com