Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7656A Datasheet(PDF) 11 Page - Analog Devices

Part # AD7656A
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7656A Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7656A Datasheet HTML 7Page - Analog Devices AD7656A Datasheet HTML 8Page - Analog Devices AD7656A Datasheet HTML 9Page - Analog Devices AD7656A Datasheet HTML 10Page - Analog Devices AD7656A Datasheet HTML 11Page - Analog Devices AD7656A Datasheet HTML 12Page - Analog Devices AD7656A Datasheet HTML 13Page - Analog Devices AD7656A Datasheet HTML 14Page - Analog Devices AD7656A Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
AD7656A
–60
–120
10
100
ANALOG INPUT FREQUENCY (kHz)
–70
–80
–90
–100
–110
VDD/VSS = ±16.5V
AVCC/DVCC/VDRIVE = +5.25V
TA = 25°C
INTERNAL REFERENCE
±4 × VREF RANGE
RSOURCE = 1000Ω
RSOURCE = 10Ω
RSOURCE = 100Ω
RSOURCE = 50Ω
RSOURCE = 220Ω
Figure 10. THD vs. Analog Input Frequency for Various Source Impedances,
±4 × VREF Range
–40
–120
10
100
ANALOG INPUT FREQUENCY (kHz)
–50
–60
–70
–80
–90
–100
–110
VDD/VSS = ±12V
AVCC/DVCC/VDRIVE = +5V
TA = 25°C
INTERNAL REFERENCE
±2 × VREF RANGE
RSOURCE = 1000Ω
RSOURCE = 100Ω
RSOURCE = 50Ω
RSOURCE = 220Ω
RSOURCE = 10Ω
Figure 11. THD vs. Analog Input Frequency for Various Source Impedances,
±2 × VREF Range
–55
125
TEMPERATURE (°C)
–35
–15
5
25
45
65
85
105
2.492
2.494
2.496
2.498
2.500
2.502
2.504
2.506
2.508
2.510
AVCC/DVCC/VDRIVE = +5V
VDD/VSS = ±12V
Figure 12. Reference Voltage vs. Temperature
3.20
2.70
–55
125
TEMPERATURE (°C)
3.15
3.10
3.05
3.00
2.95
2.90
2.85
2.80
2.75
–35
–15
5
25
45
65
85
105
AVCC/DVCC/VDRIVE = +5V
VDD/VSS = ±12V
Figure 13. Conversion Time vs. Temperature
3500
–5
CODE
3
3000
2500
2000
1500
1000
500
–4
–3
–2
–1
0
1
2
VDD/VSS = ±15V
AVCC/DVCC/VDRIVE = +5V
INTERNAL REFERENCE
8192 SAMPLES
25
168
1532
3212
2806
392
57
0
0
0
Figure 14. Histogram of Codes
100
40
30
530
SUPPLY RIPPLE FREQUENCY (kHz)
90
80
70
60
50
80
130
180
230
280
330
380
430
480
VDD
VSS
fSAMPLE = 250kSPS
±2 × VREF RANGE
INTERNAL REFERENCE
TA = 25°C
fIN = 10kHz
100nF ON VDD AND VSS
Figure 15. PSRR vs. Supply Ripple Frequency
Rev. 0 | Page 11 of 28


Similar Part No. - AD7656A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7656A AD-AD7656A Datasheet
521Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7656A-1 AD-AD7656A-1 Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
AD7656A-1 AD-AD7656A-1 Datasheet
664Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
List of Unclassifed Man...
AD7656A-1BSTZ ETC2-AD7656A-1BSTZ Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
Analog Devices
AD7656A-1BSTZ AD-AD7656A-1BSTZ Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
More results

Similar Description - AD7656A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7656A AD-AD7656A_17 Datasheet
521Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
List of Unclassifed Man...
AD7656A-1BSTZ ETC2-AD7656A-1BSTZ Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
Analog Devices
AD7656A-1 AD-AD7656A-1 Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
AD7656A-1 AD-AD7656A-1_17 Datasheet
664Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
List of Unclassifed Man...
AD7656ABSTZ ETC2-AD7656ABSTZ Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
Analog Devices
AD7656YSTZ AD-AD7656YSTZ Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7656 AD-AD7656 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7658 AD-AD7658 Datasheet
313Kb / 25P
   250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
Rev. PrI
AD7656-1 AD-AD7656-1 Datasheet
866Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-/14-/12-Bit ADC
REV. 0
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com