Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7091R-8BRUZ-RL7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7091R-8BRUZ-RL7
Description  2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7091R-8BRUZ-RL7 Datasheet(HTML) 1 Page - Analog Devices

  AD7091R-8BRUZ-RL7 Datasheet HTML 1Page - Analog Devices AD7091R-8BRUZ-RL7 Datasheet HTML 2Page - Analog Devices AD7091R-8BRUZ-RL7 Datasheet HTML 3Page - Analog Devices AD7091R-8BRUZ-RL7 Datasheet HTML 4Page - Analog Devices AD7091R-8BRUZ-RL7 Datasheet HTML 5Page - Analog Devices AD7091R-8BRUZ-RL7 Datasheet HTML 6Page - Analog Devices AD7091R-8BRUZ-RL7 Datasheet HTML 7Page - Analog Devices AD7091R-8BRUZ-RL7 Datasheet HTML 8Page - Analog Devices AD7091R-8BRUZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
2-/4-/8-Channel, 1 MSPS,
Ultralow Power, 12-Bit SAR ADC
Data Sheet
AD7091R-2/AD7091R-4/AD7091R-8
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultralow system power
Flexible power/throughput rate management
Normal mode
1.4 mW at 1 MSPS
Power-down mode
550 nA typical at VDD = 5.25 V
435 nA typical at VDD = 3 V
Programmable ALERT interrupt pin (4-/8-channel models)
High performance
1 MSPS throughput with no latency/pipeline delay
SNR: 70 dB typical at 10 kHz input frequency
THD: −80 dB typical at 10 kHz input frequency
INL: ±0.7 LSB typical, ±1.0 LSB maximum
Small system footprint
On-chip accurate 2.5 V reference, 5 ppm/°C typical drift
MUXOUT/ADCIN to allow single buffer amplifier
Daisy-chain mode
16-lead, 20-lead, and 24-lead 4 mm × 4 mm LFCSP packages
16-lead, 20-lead, and 24-leadTSSOP packages
Easy to use
SPI/QSPI™/MICROWIRE™/DSP compatible digital interface
Integrated programmable channel sequencer
BUSY indication available (4-/8-channel models)
Built in features for control and monitoring applications
GPOx pins available (4-/8-channel models)
Wide operating range
Temperature range: −40°C to +125°C
Specified for VDD of 2.7 V to 5.25 V
APPLICATIONS
Battery-powered systems
Personal digital assistants
Medical instruments
Mobile communications
Instrumentation and control systems
Data acquisition systems
Optical sensors
Diagnostic/monitoring functions
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The AD7091R-2/AD7091R-4/AD7091R-8 family is a multichannel
12-bit, ultralow power, successive approximation analog-to-
digital converter (ADC) that is available in two, four, or eight
analog input channel options. The AD7091R-2/AD7091R-4/
AD7091R-8 operate from a single 2.7 V to 5.25 V power supply
and are capable of achieving a sampling rate of 1 MSPS.
The AD7091R-2/AD7091R-4/AD7091R-8 family offers up to eight
single-ended analog input channels with a channel sequencer
that allows a preprogrammed selection of channels to be converted
sequentially. The AD7091R-2/AD7091R-4/ AD7091R-8 also
feature an on-chip conversion clock, an on-chip accurate 2.5 V
reference, and a high speed serial interface.
The AD7091R-2/AD7091R-4/AD7091R-8 have a serial port
interface (SPI) that allows data to be read after the conversion
while achieving a 1 MSPS throughput rate. The conversion process
and data acquisition are controlled using the CONVST pin.
The AD7091R-2/AD7091R-4/AD7091R-8 use advanced design
techniques to achieve ultralow power dissipation at high
throughput rates. They also feature flexible power management
options. An on-chip configuration register allows the user to set up
different operating conditions. These include power management,
alert functionality, busy indication, channel sequencing, and
general-purpose output pins. The MUXOUT and ADCIN pins
allow signal conditioning of the multiplexer output prior to
acquisition by the ADC.
GND
REGCAP
VDD
AD7091R-8
REFIN/
REFOUT
MUXOUT
ADCIN
GND
T/H
I/P
MUX
CHANNEL
SEQUENCER
CONTROL LOGIC
AND REGISTERS
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
2.5V
VREF
ON-CHIP
OSC
GPO1
ALERT/
BUSY/
GPO0
SDO
SDI
VDRIVE
CONVST
RESET
SCLK
CS
VIN0
VIN1
VIN2
VIN3
VIN7
VIN6
VIN5
VIN4


Similar Part No. - AD7091R-8BRUZ-RL7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD7091R-8BRUZ-RL7 ETC2-AD7091R-8BRUZ-RL7 Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
More results

Similar Description - AD7091R-8BRUZ-RL7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
List of Unclassifed Man...
AD7091R-2BRUZ ETC2-AD7091R-2BRUZ Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
logo
Analog Devices
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com