Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7172-4BCPZ-RL Datasheet(PDF) 11 Page - Analog Devices

Part # AD7172-4BCPZ-RL
Description  Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7172-4BCPZ-RL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7172-4BCPZ-RL Datasheet HTML 7Page - Analog Devices AD7172-4BCPZ-RL Datasheet HTML 8Page - Analog Devices AD7172-4BCPZ-RL Datasheet HTML 9Page - Analog Devices AD7172-4BCPZ-RL Datasheet HTML 10Page - Analog Devices AD7172-4BCPZ-RL Datasheet HTML 11Page - Analog Devices AD7172-4BCPZ-RL Datasheet HTML 12Page - Analog Devices AD7172-4BCPZ-RL Datasheet HTML 13Page - Analog Devices AD7172-4BCPZ-RL Datasheet HTML 14Page - Analog Devices AD7172-4BCPZ-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
Data Sheet
AD7172-4
Rev. A | Page 11 of 61
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD1 = 5 V, AVDD2 = 5 V, IOVDD = 3.3 V, TA = 25°C, unless otherwise noted.
0
200
400
600
800
1000
SAMPLE NUMBER
8388478
8388480
8388482
8388484
8388486
8388488
8388490
8388492
Figure 5. Noise (Analog Input Buffers Disabled, VREF = 5 V,
Output Data Rate = 1.25 SPS)
0
200
400
600
800
1000
100
300
500
700
900
SAMPLE NUMBER
8388460
8388465
8388470
8388475
8388480
8388485
8388490
8388495
8388500
8388505
8388510
Figure 6. Noise (Analog Input Buffers Disabled, VREF = 5 V,
Output Data Rate = 2.6 kSPS)
0
200
400
600
800
1000
100
300
500
700
900
SAMPLE NUMBER
8388440
8388450
8388460
8388470
8388480
8388490
8388500
8388510
8388520
8388530
8388540
Figure 7. Noise (Analog Input Buffers Disabled, VREF = 5 V,
Output Data Rate = 31.25 kSPS)
ADC CODE
0
1200
1000
800
600
400
200
8388480 8388482 8388484 8388486 8388488 8388490 8388492
Figure 8. Histogram (Analog Input Buffers Disabled, VREF = 5 V,
Output Data Rate = 1.25 SPS)
ADC CODE
0
140
120
100
80
60
40
20
Figure 9. Histogram (Analog Input Buffers Disabled, VREF = 5 V,
Output Data Rate = 2.6 kSPS)
ADC CODE
0
100
80
60
40
20
90
70
50
30
10
Figure 10. Histogram (Analog Input Buffers Disabled, VREF = 5 V,
Output Data Rate = 31.25 kSPS)


Similar Part No. - AD7172-4BCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7172-4BCPZ-RL AD-AD7172-4BCPZ-RL Datasheet
848Kb / 62P
   ADC with True Rail-to-Rail Buffers
AD7172-4BCPZ-RL7 AD-AD7172-4BCPZ-RL7 Datasheet
848Kb / 62P
   ADC with True Rail-to-Rail Buffers
More results

Similar Description - AD7172-4BCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7175-2 AD-AD7175-2_17 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7175-8 AD-AD7175-8 Datasheet
1Mb / 64P
   24-Bit, 8-/16-Channel, 250 kSPS, Sigma- Delta ADC with True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2_17 Datasheet
988Kb / 61P
   32-Bit, 10 kSPS, Sigma-Delta ADC with Settling and True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2 Datasheet
956Kb / 59P
   32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4_17 Datasheet
848Kb / 62P
   ADC with True Rail-to-Rail Buffers
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
AD4114 AD-AD4114 Datasheet
549Kb / 49P
   Single Supply, Multichannel, 31.25 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com