Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7091R-5BCPZ-RL7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7091R-5BCPZ-RL7
Description  4-Channel, I2C, Ultralow Power, 12-Bit ADC in 20-Lead LFCSP/TSSOP
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7091R-5BCPZ-RL7 Datasheet(HTML) 5 Page - Analog Devices

  AD7091R-5BCPZ-RL7 Datasheet HTML 1Page - Analog Devices AD7091R-5BCPZ-RL7 Datasheet HTML 2Page - Analog Devices AD7091R-5BCPZ-RL7 Datasheet HTML 3Page - Analog Devices AD7091R-5BCPZ-RL7 Datasheet HTML 4Page - Analog Devices AD7091R-5BCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD7091R-5BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7091R-5BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7091R-5BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7091R-5BCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Data Sheet
AD7091R-5
Rev. 0 | Page 5 of 34
I2C TIMING SPECIFICATIONS
All values measured with the input filtering enabled. CB refers to the capacitive load on the bus line, with rise time and fall time measured
between 0.3 × VDRIVE and 0.7 × VDRIVE (see Figure 2). VDD = 2.7 V to 5.25 V, VDRIVE = 1.8 V to 5.25 V, VREF = 2.5 V internal/external, TA =
TMIN to TMAX, unless otherwise noted.
Table 2.
Limit at TMIN, TMAX
Parameter
Min
Typ
Max
Unit
Description
fSCL
100
kHz
Serial clock frequency, standard mode
400
kHz
Fast mode
t1
4
µs
SCL high time, standard mode
0.6
µs
Fast mode
t2
4.7
µs
SCL low time, standard mode
1.3
µs
Fast mode
t3
250
ns
Data setup time, standard mode
100
ns
Fast mode
t41
0
3.45
µs
Data hold time, standard mode
0
0.9
µs
Fast mode
t5
4.7
µs
Setup time for a repeated start condition, standard mode
0.6
µs
Fast mode
t6
4
µs
Hold time for a repeated start condition, standard mode
0.6
µs
Fast mode
t7
4.7
µs
Bus-free time between a stop and a start condition, standard mode
1.3
µs
Fast mode
t8
4
µs
Setup time for a stop condition, standard mode
0.6
µs
Fast mode
t9
1000
ns
Rise time of the SDA signal, standard mode
20 + 0.1CB
300
ns
Fast mode
t10
300
ns
Fall time of the SDA signal, standard mode
20 + 0.1CB
300
ns
Fast mode
t11
1000
ns
Rise time of the SCL signal, standard mode
20 + 0.1CB
300
ns
Fast mode
t11A
1000
ns
Rise time of the SCL signal after a repeated; not shown in Figure 2, standard mode
20 + 0.1CB
300
ns
Start condition and after an acknowledge bit, fast mode
t12
300
ns
Fall time of the SCL signal, standard mode
20 + 0.1CB
300
ns
Fast mode
tSP
0
50
ns
Pulse width of the suppressed spike; not shown in Figure 2, fast mode
tRESETPW
10
ns
RESET pulse width (see Figure 35)
tRESET_DELAY
50
ns
RESET pulse delay upon power-up (see Figure 35)
1
A device must provide a data hold time for SDA to bridge the undefined region of the SCL falling edge.
t6
t7
t2
t11
t4
t1
t12
t10
t5
t9
t6
t3
t8
SCL
S
SDA
S = START CONDITION
P = STOP CONDITION
P
P
S
Figure 2. 2-Wire Serial Interface Timing Diagram


Similar Part No. - AD7091R-5BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7091R-5BCPZ-RL7 AD-AD7091R-5BCPZ-RL7 Datasheet
831Kb / 35P
   4-Channel, I 2 C, Ultralow Power 12-Bit ADC in 20-Lead LFCSP/TSSOP
More results

Similar Description - AD7091R-5BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7091R-5 AD-AD7091R-5_17 Datasheet
831Kb / 35P
   4-Channel, I 2 C, Ultralow Power 12-Bit ADC in 20-Lead LFCSP/TSSOP
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
List of Unclassifed Man...
AD7091R-2BRUZ ETC2-AD7091R-2BRUZ Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
logo
Analog Devices
AD7091RBRMZ AD-AD7091RBRMZ Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091R AD-AD7091R Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
AD7927 AD-AD7927_15 Datasheet
407Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. D
AD7927 AD-AD7927 Datasheet
276Kb / 20P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com