Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB18T512160TC-6 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # HYB18T512160TC-6
Description  MEMORY SPECTRUM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB18T512160TC-6 Datasheet(HTML) 5 Page - Infineon Technologies AG

  HYB18T512160TC-6 Datasheet HTML 1Page - Infineon Technologies AG HYB18T512160TC-6 Datasheet HTML 2Page - Infineon Technologies AG HYB18T512160TC-6 Datasheet HTML 3Page - Infineon Technologies AG HYB18T512160TC-6 Datasheet HTML 4Page - Infineon Technologies AG HYB18T512160TC-6 Datasheet HTML 5Page - Infineon Technologies AG HYB18T512160TC-6 Datasheet HTML 6Page - Infineon Technologies AG HYB18T512160TC-6 Datasheet HTML 7Page - Infineon Technologies AG HYB18T512160TC-6 Datasheet HTML 8Page - Infineon Technologies AG HYB18T512160TC-6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
DDR Components
Generation
Organization
Package
Speed
Latency
Sales Description
Speed No.
Ordering Code
Prod.
Green
128 Mb
DDR266A
2-3-3
HYB25D128400AT-
7
Q67100
Q4309
Now
32 M x 4
TSOP-66 (400 mil)
DDR333
2.5-3-3
HYB25D128400CE-
6
Q67100
Q1455
2Q04
XX
DDR266A
2-3-3
HYB25D128800AT-
7
Q67100
Q4311
Now
16 M x 8
TSOP-66 (400 mil)
DDR333
2.5-3-3
HYB25D128800CE-
6
Q67100
Q1459
2Q04
XX
DDR266A
2-3-3
7
Q67100
Q4313
8 M x 16
TSOP-66 (400 mil)
DDR333
2.5-3-3
HYB25D128160AT-
6
Q67100
Q5044
Now
DDR333
2.5-3-3
HYB25D128160CE-
6
Q67100
Q1458
2Q04
XX
256 Mb
DDR266A
2-3-3
7
Q67100
Q4587
64 M x 4
TSOP-66 (400 mil)
DDR266
2-2-2
HYB25D256400BT-
7F
Q67100
Q4880
Now
DDR266A
2-3-3
HYB25D256400CE-
7
Q67100
Q5049
Now
XX
DDR333
2.5-3-3
6
Q67100
Q4589
Now
DDR400
3-3-3
HYB25D256800BT-
5
Q67100
Q4275
32 M x 8
TSOP-66 (400 mil)
DDR333
2.5-3-3
HYB25D256800CE-
6
Q67100
Q5051
Now
XX
DDR333
2.5-3-3
HYB25D256800CEL-
6
Q67100
Q1753
Now
XX
DDR400
3-3-3
HYB25D256800CE-
5
Q67100
Q5180
Now
XX
DDR266A
2-3-3
7
Q67100
Q4593
DDR333
2.5-3-3
HYB25D256160BT-
6
Q67100
Q4592
Now
16 M x 16
TSOP-66 (400 mil)
DDR400
3-3-3
5
Q67100
Q4277
DDR333
2.5-3-3
6
Q67100
Q5045
Now
XX
DDR400
3-3-3
HYB25D256160CE-
5
Q67100
Q5182
Now
XX
256 Mb
DDR266A
2-3-3
7
Q67100
Q4615
FBGA
DDR333
2.5-3-3
HYB25D256400BC-
6
Q67100
Q4614
Now
64 M x 4
FBGA 60 (8 x 12 mm)
DDR400
3-3-3
5
Q67100
Q1071
DDR333
2.5-3-3
6
Q67100
Q4764
DDR400
3-3-3
HYB25D256400CC-
5
Q67100
Q1418
2Q04
DDR266A
2-3-3
7
Q67100
Q4596
Now
DDR333
2.5-3-3
HYB25D256800BC-
6
Q67100
Q4595
32 M x 8
FBGA 60 (8 x 12 mm)
DDR333
2.5-3-3
HYB25D256800CF-
6
Q67100
Q4443
2Q04
XX
DDR333
2.5-3-3
6
Q67100
Q4767
DDR400
3-3-3
HYB25D256800CC-
5
Q67100
Q1419
2Q04
DDR266A
2-3-3
7
Q67100
Q4599
Now
16 M x 16
FBGA 60 (8 x 12 mm)
DDR333
2.5-3-3
HYB25D256160BC-
6
Q67100
Q4598
DDR333
2.5-3-3
HYB25D256160CC-
6
Q67100
Q4770
2Q04
XX = Lead and Halogen-Free


Similar Part No. - HYB18T512160TC-6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB18T512160AC-37 INFINEON-HYB18T512160AC-37 Datasheet
2Mb / 96P
   512-Mbit Double-Data-Rate-Two SDRAM
Rev. 1.13, Mai 2004
HYB18T512160AC-5 INFINEON-HYB18T512160AC-5 Datasheet
2Mb / 96P
   512-Mbit Double-Data-Rate-Two SDRAM
Rev. 1.13, Mai 2004
HYB18T512160AF INFINEON-HYB18T512160AF Datasheet
2Mb / 117P
   512-Mbit DDR2 SDRAM
Rev. 1.3, Jan. 2005
logo
Qimonda AG
HYB18T512160AF QIMONDA-HYB18T512160AF Datasheet
2Mb / 44P
   214-Pin Micro-DIMM-DDR2-SDRAM Modules
HYB18T512160AF QIMONDA-HYB18T512160AF Datasheet
4Mb / 76P
   240-Pin Unbuffered DDR2 SDRAM Modules
More results

Similar Description - HYB18T512160TC-6

ManufacturerPart #DatasheetDescription
logo
Good Will Instrument Co...
GSP-930 GWINSTEK-GSP-930 Datasheet
2Mb / 2P
   SPECTRUM ANALYZER
logo
List of Unclassifed Man...
H500 ETC2-H500 Datasheet
1Mb / 12P
   Spectrum Analyzer
logo
TEKTRONIX, INC.
RSA600A TEKTRONIX-RSA600A Datasheet
1Mb / 32P
   Spectrum Analyzer
logo
Agilent(Hewlett-Packard...
8560EC HP-8560EC Datasheet
370Kb / 12P
   Spectrum Analyzers
logo
B&K Precision Corporati...
2680 BK-2680 Datasheet
3Mb / 6P
   Spectrum Analyzers
logo
TEKTRONIX, INC.
RSA500A TEKTRONIX-RSA500A Datasheet
2Mb / 36P
   Spectrum Analyzer
logo
Lumins Inc.
STR100 LUMINIS-STR100 Datasheet
447Kb / 2P
   SPECTRUM 100
logo
TEKTRONIX, INC.
RSA306B TEKTRONIX-RSA306B Datasheet
1Mb / 26P
   Spectrum Analyzer
logo
List of Unclassifed Man...
SSA3032XPLUS ETC1-SSA3032XPLUS Datasheet
1Mb / 20P
   Spectrum Analyzer
2011/65/EU
logo
Zilog, Inc.
Z87000 ZILOG-Z87000 Datasheet
205Kb / 50P
   Spread Spectrum Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com