Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N2955HV Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N2955HV
Description  Excellent Safe Operating Area
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N2955HV Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N2955HV Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N2955HV Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
2
isc Silicon PNP Power Transistors
2N2955HV
ELECTRICAL CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= -200mA ; IB= 0
-100
V
VCER(SUS)
Collector-Emitter Sustaining Voltage
IC= -200mA ; RBE= 100Ω
-100
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -4A; IB= -0.4A
-1.1
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= -10A; IB= -3.3A
-3.0
V
VBE(on)
Base-Emitter On Voltage
IC= -4A ; VCE= -4V
-1.5
V
ICEO
Collector Cutoff Current
VCE= -30V; IB= 0
-0.7
mA
ICEX
Collector Cutoff Current
VCE= -100V; VBE(off)= -1.5V
VCE= -100V; VBE(off)= -1.5V,TC= 150℃
-1.0
-5.0
mA
IEBO
Emitter Cutoff Current
VEB= -7.0V; IC=0
-5.0
mA
hFE-1
DC Current Gain
IC= -4A ; VCE= -4V
20
70
hFE-2
DC Current Gain
IC= -10A ; VCE= -4V
5.0
Is/b
Second Breakdown Collector
Current with Base Forward Biased
VCE= -40V,t= 1.0s,Nonrepetitive
-2.87
A
fT
Current Gain-Bandwidth Product
IC= -0.5A ; VCE= -10V;ftest= 1.0MHz
2.5
MHz


Similar Part No. - 2N2955HV

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N2955 UTC-2N2955 Datasheet
42Kb / 2P
   SILICON PNP TRANSISTOR
logo
Dc Components
2N2955 DCCOM-2N2955 Datasheet
233Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
logo
Unisonic Technologies
2N2955 UTC-2N2955 Datasheet
122Kb / 2P
   SILICON PNP TRANSISTORS
logo
Inchange Semiconductor ...
2N2955 ISC-2N2955 Datasheet
285Kb / 2P
   isc Silicon PNP Power Transistors
logo
Unisonic Technologies
2N2955-T30-K UTC-2N2955-T30-K Datasheet
88Kb / 2P
   SILICON PNP TRANSISTORS
More results

Similar Description - 2N2955HV

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N1470 ISC-2N1470 Datasheet
102Kb / 2P
   Excellent Safe Operating Area
BDY20 ISC-BDY20 Datasheet
193Kb / 2P
   Excellent Safe Operating Area
2SD1533 ISC-2SD1533 Datasheet
135Kb / 2P
   Wide Area of Safe Operation
2SA1214 ISC-2SA1214 Datasheet
94Kb / 2P
   Wide Area of Safe Operation
2SB982 ISC-2SB982 Datasheet
98Kb / 2P
   Wide Area of Safe Operation
2SB850 ISC-2SB850 Datasheet
98Kb / 2P
   Wide Area of Safe Operation
2SD1238 ISC-2SD1238 Datasheet
128Kb / 2P
   Wide Area of Safe Operation
2SC2665 ISC-2SC2665 Datasheet
86Kb / 2P
   Wide Area of Safe Operation
2SB719 ISC-2SB719 Datasheet
110Kb / 2P
   Wide Area of Safe Operation
logo
Rohm
2SB1357 ROHM-2SB1357 Datasheet
403Kb / 5P
   Transistor PNP (low collector saturation voltage wide safe operation area)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com