Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM607 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM607
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM607 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM607 Datasheet HTML 1Page - National Semiconductor (TI) LM607 Datasheet HTML 2Page - National Semiconductor (TI) LM607 Datasheet HTML 3Page - National Semiconductor (TI) LM607 Datasheet HTML 4Page - National Semiconductor (TI) LM607 Datasheet HTML 5Page - National Semiconductor (TI) LM607 Datasheet HTML 6Page - National Semiconductor (TI) LM607 Datasheet HTML 7Page - National Semiconductor (TI) LM607 Datasheet HTML 8Page - National Semiconductor (TI) LM607 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Connection Diagrams (Continued)
24-Pin Wide Body
SO, SSOP-EIAJ Packages
28-Pin Wide Body
SO Packages
01135408
Top View
01135409
Top View
Ordering Information
Industrial Temperature Range
Package
−40˚C
≤ T
A
≤ +85˚C
ADC12H030CIWM, ADC12030CIWM
M16B
ADC12H032CIWM, ADC12032CIWM
M20B
ADC12H034CIN, ADC12034CIN
N24C
ADC12H034CIWM, ADC12034CIWM
M24B
ADC12H034CIMSA
MSA24
ADC12H038CIWM, ADC12038CIWM
M28B
Pin Descriptions
CCLK
The clock applied to this input controls the
sucessive approximation conversion time in-
terval and the acquisition time. The rise and
fall times of the clock edges should not ex-
ceed 1 µs.
SCLK
This is the serial data clock input. The clock
applied to this input controls the rate at
which the serial data exchange occurs. The
rising edge loads the information on the DI
pin into the multiplexer address and mode
select shift register. This address controls
which channel of the analog input multi-
plexer (MUX) is selected and the mode of
operation for the A/D. With CS low the falling
edge of SCLK shifts the data resulting from
the previous ADC conversion out on DO,
with the exception of the first bit of data.
When CS is low continously, the first bit of
the data is clocked out on the rising edge of
EOC (end of conversion). When CS is
toggled the falling edge of CS always clocks
out the first bit of data. CS should be brought
low when SCLK is low. The rise and fall
times of the clock edges should not exceed
1 µs.
DI
This is the serial data input pin. The data
applied to this pin is shifted by the rising
edge of SCLK into the multiplexer address
and mode select register. Table 2 through
Table 5 show the assignment of the multi-
plexer address and the mode select data.
DO
The data output pin. This pin is an active
push/pull output when CS is low. When CS
is high, this output is TRI-STATE. The A/D
conversion result (D0–D12) and converter
status data are clocked out by the falling
edge of SCLK on this pin. The word length
and format of this result can vary (see Table
1). The word length and format are con-
trolled by the data shifted into the multiplexer
address and mode select register (see Table
5).
EOC
This pin is an active push/pull output and
indicates the status of the ADC12030/2/4/8.
When low, it signals that the A/D is busy with
a conversion, auto-calibration, auto-zero or
power down cycle. The rising edge of EOC
signals the end of one of these cycles.
CS
This is the chip select pin. When a logic low
www.national.com
3


Similar Part No. - LM607

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LM6070ACW TOPWAY-LM6070ACW Datasheet
592Kb / 12P
   LCD Module User Manual
LM6070ACW-2 TOPWAY-LM6070ACW-2 Datasheet
513Kb / 10P
   LCD Module User Manual
LM6070AFW-1 TOPWAY-LM6070AFW-1 Datasheet
579Kb / 10P
   LCD Module User Manual
LM6070BCA TOPWAY-LM6070BCA Datasheet
766Kb / 13P
   LCD Module User Manual
LM6071AFW TOPWAY-LM6071AFW Datasheet
472Kb / 9P
   LCD Module User Manual
More results

Similar Description - LM607

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12L030 NSC-ADC12L030 Datasheet
828Kb / 36P
   3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12L030 NSC-ADC12L030_06 Datasheet
1Mb / 35P
   3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130_14 Datasheet
2Mb / 52P
[Old version datasheet]   ADC12130/ADC12132/ADC12138 Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC1251 NSC-ADC1251 Datasheet
301Kb / 16P
   Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
   10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com