Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXA-389-Z Datasheet(PDF) 2 Page - RF Micro Devices

Part # SXA-389-Z
Description  MEDIUM POWER GaAs HBT AMPLIFIER WITH ACTIVE BIAS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SXA-389-Z Datasheet(HTML) 2 Page - RF Micro Devices

  SXA-389-Z Datasheet HTML 1Page - RF Micro Devices SXA-389-Z Datasheet HTML 2Page - RF Micro Devices SXA-389-Z Datasheet HTML 3Page - RF Micro Devices SXA-389-Z Datasheet HTML 4Page - RF Micro Devices SXA-389-Z Datasheet HTML 5Page - RF Micro Devices SXA-389-Z Datasheet HTML 6Page - RF Micro Devices SXA-389-Z Datasheet HTML 7Page - RF Micro Devices SXA-389-Z Datasheet HTML 8Page - RF Micro Devices SXA-389-Z Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
EDS-102231 Rev F
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SXA-389(Z)
Absolute Maximum Ratings
Parameter
Rating
Unit
Max Device Current (lD)240
mA
Max Device Voltage (VD)6
V
Max RF Input Power
100
mW
Max Dissipated Power
1500
mW
Max Junction Temperature (TJ)165
°C
Operating Temperature Range (TL)
-40 to + 85
°C
Max Storage Temperature
150
°C
ESD
1B
Class
Moisture Sensitivity Level
MSL 2
Operation of this device beyond any one of these limits may cause permanent
damage. For reliable continuous operation, the device voltage and current
must not exceed the maximum operating values specified in the table on
page one.
Bias Conditions should also satisfy the following expression:
IDVD<(TJ-TL)/RTH, j-l
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
SXA-389B
Machine
Screws
(Optional)
Plated Thru
Holes
(0.020" DIA)
Ground Plane
Recommended Mounting Configuration for
Optimum RF and Thermal Performance


Similar Part No. - SXA-389-Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SXA-389 ETC-SXA-389 Datasheet
222Kb / 7P
   400-2500 MHz 쩌 W Medium Power GaAs HBT Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SXA-389 SIRENZA-SXA-389 Datasheet
131Kb / 7P
   400-2500 MHz 1/4 W Medium Power GaAs HBT Amplifier with Active Bias
logo
RF Micro Devices
SXA-389 RFMD-SXA-389 Datasheet
618Kb / 10P
   400MHz to 2500MHz 쩌W MEDIUM POWER GaAs HBT AMPLIFIER WITH ACTIVE BIAS
logo
SIRENZA MICRODEVICES
SXA-389B SIRENZA-SXA-389B Datasheet
146Kb / 8P
   400-2500 MHz 쩌 W Medium Power GaAs HBT Amplifier with Active Bias
SXA-389BZ SIRENZA-SXA-389BZ Datasheet
146Kb / 8P
   400-2500 MHz 쩌 W Medium Power GaAs HBT Amplifier with Active Bias
More results

Similar Description - SXA-389-Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SXA389BZ RFMD-SXA389BZ Datasheet
678Kb / 10P
   400MHz to 2500MHz 쩌W MEDIUM POWER GaAs HBT AMPLIFIER WITH ACTIVE BIAS
SXA-389Z RFMD-SXA-389Z Datasheet
618Kb / 10P
   400MHz to 2500MHz 쩌W MEDIUM POWER GaAs HBT AMPLIFIER WITH ACTIVE BIAS
logo
List of Unclassifed Man...
SXA-389 ETC-SXA-389 Datasheet
222Kb / 7P
   400-2500 MHz 쩌 W Medium Power GaAs HBT Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SXA-389B SIRENZA-SXA-389B Datasheet
146Kb / 8P
   400-2500 MHz 쩌 W Medium Power GaAs HBT Amplifier with Active Bias
logo
List of Unclassifed Man...
SPB-3018 ETC1-SPB-3018 Datasheet
205Kb / 9P
   400 - 2500 MHz 1W Medium Power Active Bias InGaP/GaAs HBT Amplifier
logo
SIRENZA MICRODEVICES
SPB-3018 SIRENZA-SPB-3018 Datasheet
206Kb / 9P
   800 - 2400 MHz 1W Medium Power Active Bias InGaP/GaAs HBT Amplifier
SXA-389 SIRENZA-SXA-389 Datasheet
131Kb / 7P
   400-2500 MHz 1/4 W Medium Power GaAs HBT Amplifier with Active Bias
SXA-3318B SIRENZA-SXA-3318B Datasheet
196Kb / 8P
   400-2500 MHz Balanced 1/4 W Medium Power GaAs HBT Amplifier with Active Bias
logo
List of Unclassifed Man...
SXA-3318B ETC-SXA-3318B Datasheet
816Kb / 8P
   400-2500 MHz Balanced 1/2 W Medium Power GaAs HBT Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SXB-4089 SIRENZA-SXB-4089 Datasheet
178Kb / 8P
   400-2500 MHz 1/4 W Medium Power InGaP/GaAs HBT Amplifier with Active Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com