Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGC6389Z Datasheet(PDF) 6 Page - RF Micro Devices

Part # SGC6389Z
Description  ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGC6389Z Datasheet(HTML) 6 Page - RF Micro Devices

  SGC6389Z Datasheet HTML 1Page - RF Micro Devices SGC6389Z Datasheet HTML 2Page - RF Micro Devices SGC6389Z Datasheet HTML 3Page - RF Micro Devices SGC6389Z Datasheet HTML 4Page - RF Micro Devices SGC6389Z Datasheet HTML 5Page - RF Micro Devices SGC6389Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6 of 6
DS
20160226
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGC-6389Z
Part Identification
Alternate marking “SGC6389Z” on line one with Trace Code on line two.
1
2
3
Part Number
Description
Reel Size
Devices /
Reel
SGC-6389Z
Lead Free, RoHs Compliant
13"
3000
SGC-6389Z-EVB1
100-1000 MHz Evaluation Board
N/A
N/A
SGC-6389Z-EVB2
1000-2200 MHz Evaluation Board
N/A
N/A
Part / Evaluation Board Ordering Information


Similar Part No. - SGC6389Z

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC63A GOOD-ARK-SGC63A Datasheet
254Kb / 4P
   Surface Mount Glass Passivated Rectifier
More results

Similar Description - SGC6389Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGC-4486Z SIRENZA-SGC-4486Z_1 Datasheet
256Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
SGC-2386 SIRENZA-SGC-2386_1 Datasheet
257Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
SGC-4463Z SIRENZA-SGC-4463Z_1 Datasheet
283Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
SGC-4386Z SIRENZA-SGC-4386Z_1 Datasheet
256Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
logo
RF Micro Devices
SGC4486Z RFMD-SGC4486Z Datasheet
282Kb / 6P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC2463Z RFMD-SGC2463Z Datasheet
678Kb / 7P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4563Z RFMD-SGC4563Z Datasheet
535Kb / 10P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4463Z RFMD-SGC4463Z Datasheet
670Kb / 6P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
logo
SIRENZA MICRODEVICES
SGC-2363 SIRENZA-SGC-2363_1 Datasheet
282Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
SGC-2486 SIRENZA-SGC-2486_1 Datasheet
256Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com