Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFPA3800TR7 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFPA3800TR7
Description  AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA3800TR7 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RFPA3800TR7 Datasheet HTML 2Page - RF Micro Devices RFPA3800TR7 Datasheet HTML 3Page - RF Micro Devices RFPA3800TR7 Datasheet HTML 4Page - RF Micro Devices RFPA3800TR7 Datasheet HTML 5Page - RF Micro Devices RFPA3800TR7 Datasheet HTML 6Page - RF Micro Devices RFPA3800TR7 Datasheet HTML 7Page - RF Micro Devices RFPA3800TR7 Datasheet HTML 8Page - RF Micro Devices RFPA3800TR7 Datasheet HTML 9Page - RF Micro Devices RFPA3800TR7 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6 of 12
RFPA3800
DS140819
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Bill of Materials (BOM)
450MHz to 470MHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer’s P/N
PCB
DDI
RFPA3800410(A)
RFPA3800
U1
RFMD
RFPA3800
RES, 1K, 1%, 1/16W, 0603
R1
Panasonic Industrial Co
ERJ-3EKF1001V
CAP, 10uF, 20%, 10V, TANT-A
C13, C20
Kemet
T491A106M010AT
CAP, 22pF, 5%, 50V, C0G, 0402
C1
GRM1555C1H220JZ01E
CAP, 12pF, 2%, 50V, HI-Q, 0402
C5, C9
Johanson Technology
500R07S120GV4TD
CAP, 82pF, 5%, 50V, C0G, 0402
C3
Murata Electronics
North America
GRM1555C1H820JZ01D
CAP, 220pF, 10%, 50V, X7R, 0402
C10-C11, C22
Murata Electronics
North America, I
GRM155R71H221KA01E
CAP, 1000pF, 10%, 50V, X7R, 0402
C12, C21
Murata Electronics
GRM155R71H102KA01E
IND, 4.3nH, +/-0.1nH, T/F, 0402
L1
Murata Electronics
LQP15MN4N3B02D
IND, 2.4nH, +/-0.1nH, T/F, 0402
L5
Murata Electronics
LQP15MN2N4B02D
IND, 2.2nH, +/-0.1nH, T/F, 0402
L2
Murata Electronics
LQP15MN2N2B02D
RES, 0
, 0402
L3, L6-L7
Kamaya, Inc
RMC1/16SJPTH
IND, 47nH, 5%, W/W, 0603
L4
Coilcraft
0603HC-47NXJLW
CONN, BANANA JACK, RED
P1-P2
JOHNSON CO
108-0902-001
CONN, BANANA JACK, BLACK
P3
JOHNSON CO
108-0903-001
CONN, SMA, ST JACK REC, FLNG MT, T/H
J1-J2
JOHNSON CO
142-0701-631
HEATSINK, POWER CELL
MP1
2020048-2
2-56 SS socket head screws, 3/16 long
S1-S10
McMaster-Carr
92196A076
DNP
C2, C4, C6-C8, C14, C16-C19, C23-C27
DNP
R2-R5
DNP
L8


Similar Part No. - RFPA3800TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA3800TR7 RFMD-RFPA3800TR7 Datasheet
2Mb / 12P
   GaAs HBT 150MHz TO 960MHz POWER AMPLIFIER
More results

Similar Description - RFPA3800TR7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC752LC4 AD-HMC752LC4 Datasheet
434Kb / 8P
   MMIC AMPLIFIER AMPLIFIER
logo
Marki Microwave
ADA-2052 MARKIMICROWAVE-ADA-2052 Datasheet
471Kb / 6P
   AMPLIFIER/DOUBLER/AMPLIFIER
logo
M/A-COM Technology Solu...
A87-2 MA-COM-A87-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
logo
Marki Microwave
ADA-0416 MARKIMICROWAVE-ADA-0416 Datasheet
469Kb / 6P
   MMIC AMPLIFIER/DOUBLER/AMPLIFIER
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
logo
M/A-COM Technology Solu...
A75-2 MA-COM-A75-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
logo
Marki Microwave
ADA-1030 MARKIMICROWAVE-ADA-1030 Datasheet
470Kb / 6P
   MMIC AMPLIFIER/DOUBLER/AMPLIFIER
logo
American Accurate Compo...
JXWBLA-T-1-150-20 AAC-JXWBLA-T-1-150-20 Datasheet
59Kb / 1P
   Amplifier
logo
Mini-Circuits
ZFL-2HAD MINI-ZFL-2HAD Datasheet
267Kb / 2P
   Amplifier
ZFL-11AD MINI-ZFL-11AD Datasheet
210Kb / 2P
   Amplifier
ZFL-750 MINI-ZFL-750 Datasheet
207Kb / 2P
   Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com