Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFPA3809 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFPA3809
Description  AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA3809 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFPA3809_13 Datasheet HTML 3Page - RF Micro Devices RFPA3809_13 Datasheet HTML 4Page - RF Micro Devices RFPA3809_13 Datasheet HTML 5Page - RF Micro Devices RFPA3809_13 Datasheet HTML 6Page - RF Micro Devices RFPA3809_13 Datasheet HTML 7Page - RF Micro Devices RFPA3809_13 Datasheet HTML 8Page - RF Micro Devices RFPA3809_13 Datasheet HTML 9Page - RF Micro Devices RFPA3809_13 Datasheet HTML 10Page - RF Micro Devices RFPA3809_13 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9 of 11
RFPA3809
DS130130
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
(2110MHz to 2170MHz Application Circuit)
EVB BOM
(2110MHz to 2170MHz Application Circuit)
Description
Reference Designator
Manufacturer
Manufacturer's
P/N
PCB, PA380X410
PA380X410(A)
CAP, 10
F, 10%, 10V, TANT-A
C1
AVX Corporation
TAJA106K010R
CAP, 1000pF, 10%, 50V, X7R, 0402
C2
Taiyo Yuden (USA), Inc.
RM UMK105BJ102KV-F
CAP, 10pF, 5%, 50V, C0G, 0402
C3, C4,C13
Murata Electronics
GRM1555C1H100JZ01E
CAP, 100pF, 5%, 50V, C0G, 0402
C6
Taiyo Yuden (USA), Inc.
RM UMK105CG101JV-F
CAP, 4.7pF, ±0.1pF, 50V, COG, 0402
C7
Taiyo Yuden (USA), Inc.
RM UMK105CG4R7BW-F
CAP, 3pF, ±0.1pF, 50V, COG, 0402
C8
Taiyo Yuden (USA), Inc.
RM UMK105CG030BW-F
CAP, 3.3pF, ±0.1pF, 50V, COG, 0402
C9
Taiyo Yuden (USA), Inc.
RM UMK105CG3R3BW-F
CAP, 1.5pF, ±0.1pF, 50V, COG, 0402
C11
Taiyo Yuden (USA), Inc.
RM UMK105CG1R5BW-F
CAP, 0.1uF, 10%, 16V, X7R, 0402
C5
Murata Electronics
GRM155R71C104KA88D
CAP, 0.5pF, ±0.1pF, 50V, COG, 0402
C24
Taiyo Yuden (USA), Inc.
RM UMK105CG0R5BW-F
IND, 24nH, 5%, W/W, 0603
L1
Coilcraft
0603HC-24NXJLW
RES, 0
, 0402
L2
Kamaya, Inc
RMC1/16SJPTH
CONN, SMA, END, LAUNCH, RND, PIN, 0.062"
J1, J2
GIGALANE CO., LTD.
PAF-S05-008
CONN, HDR, ST, 2-PIN, 0.100
P1, P2
Sullins Electronics
PBC02SAAN
RFPA3809SB
U1
RFMD
RFPA3809
FER, BEAD, 260
, 2A, 0603
R1
Murata Electronics
BLM18EG221SN1D
RES, 620
, 5%, 1/16W, 0402
R2
PANASONIC INDUSTRIAL
CO
ERJ-2GEJ621X
RES, 0
, 0603
R4
Kamaya, Inc
RMC1/16JPTP
RES, 2K, 5%, 1/16W, 0402
R5
Kamaya, Inc
RMC1/16S-202JTH
SCREW 2-56X3/16”, SOCKET HEAD
McMaster-Carr Supply Co.
92196A076
Heatsink Block 1.16 sq. in.
RFMD
EEF-102059(B)
DNP
C10, C12, C14-C23, C25-C29, R3, R6-R8


Similar Part No. - RFPA3809_13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA3809PCK-410 RFMD-RFPA3809PCK-410 Datasheet
2Mb / 11P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA3809PCK-411 RFMD-RFPA3809PCK-411 Datasheet
2Mb / 11P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA3809SQ RFMD-RFPA3809SQ Datasheet
2Mb / 11P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA3809SR RFMD-RFPA3809SR Datasheet
2Mb / 11P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA3809TR13 RFMD-RFPA3809TR13 Datasheet
2Mb / 11P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
More results

Similar Description - RFPA3809_13

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC752LC4 AD-HMC752LC4 Datasheet
434Kb / 8P
   MMIC AMPLIFIER AMPLIFIER
logo
Marki Microwave
ADA-2052 MARKIMICROWAVE-ADA-2052 Datasheet
471Kb / 6P
   AMPLIFIER/DOUBLER/AMPLIFIER
logo
M/A-COM Technology Solu...
A87-2 MA-COM-A87-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
logo
Marki Microwave
ADA-0416 MARKIMICROWAVE-ADA-0416 Datasheet
469Kb / 6P
   MMIC AMPLIFIER/DOUBLER/AMPLIFIER
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
logo
M/A-COM Technology Solu...
A75-2 MA-COM-A75-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
logo
Marki Microwave
ADA-1030 MARKIMICROWAVE-ADA-1030 Datasheet
470Kb / 6P
   MMIC AMPLIFIER/DOUBLER/AMPLIFIER
logo
American Accurate Compo...
JXWBLA-T-1-150-20 AAC-JXWBLA-T-1-150-20 Datasheet
59Kb / 1P
   Amplifier
logo
Mini-Circuits
ZFL-2HAD MINI-ZFL-2HAD Datasheet
267Kb / 2P
   Amplifier
ZFL-11AD MINI-ZFL-11AD Datasheet
210Kb / 2P
   Amplifier
ZFL-750 MINI-ZFL-750 Datasheet
207Kb / 2P
   Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com